Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA1104B Datasheet(PDF) 6 Page - STANLEY ELECTRIC CO.,LTD.

Part # FA1104B
Description  Single Color High Brightness Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

FA1104B Datasheet(HTML) 6 Page - STANLEY ELECTRIC CO.,LTD.

Back Button FA1104B Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. FA1104B Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. FA1104B Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. FA1104B Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. FA1104B Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. FA1104B Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. FA1104B Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. FA1104B Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. FA1104B Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MIN.
MAX.
MIN.
MAX.
A
581.5
585.0
599.0
603.0
B
584.0
587.5
601.0
605.0
C
586.5
590.0
603.0
607.0
D
589.0
592.5
605.0
609.0
E
591.5
595.0
607.0
611.0
Rank
FY
IF=20mA
FA
IF=20mA
Dominant Wavelength λd (nm)
Page 6
2004.10.26
Single Color High Brightness Type
1104B Series
Color Tone Groups (λd)
(Ta=25℃)
Please contact our sales staff concerning rank designation.


Similar Part No. - FA1104B

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA11045 LEDIL-FA11045 Datasheet
4Mb / 4P
   ~40째 wide beam optimized for CREE XR-E. 16.5 mm high assembly with installation tape.
More results

Similar Description - FA1104B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
FR1105W-RR STANLEY-FR1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
FR1112H-TR STANLEY-FR1112H-TR Datasheet
372Kb / 20P
   Single Color High Brightness Type
FR1111C-TR STANLEY-FR1111C-TR Datasheet
374Kb / 20P
   Single Color High Brightness Type
FY1101F STANLEY-FY1101F Datasheet
245Kb / 16P
   Single Color High Brightness Type
YBG1105W STANLEY-YBG1105W Datasheet
396Kb / 19P
   Single Color High Brightness Type
FY1112C-TR STANLEY-FY1112C-TR Datasheet
281Kb / 16P
   Single Color High Brightness Type
logo
Stanford Microdevices
FY1105W-RR STANFORD-FY1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com