Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9817G-50GY Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9817G-50GY
Description  Micro-Power Voltage Detectors with Manual Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9817G-50GY Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9817G-50GY Datasheet HTML 1Page - Richtek Technology Corporation RT9817G-50GY Datasheet HTML 2Page - Richtek Technology Corporation RT9817G-50GY Datasheet HTML 3Page - Richtek Technology Corporation RT9817G-50GY Datasheet HTML 4Page - Richtek Technology Corporation RT9817G-50GY Datasheet HTML 5Page - Richtek Technology Corporation RT9817G-50GY Datasheet HTML 6Page - Richtek Technology Corporation RT9817G-50GY Datasheet HTML 7Page - Richtek Technology Corporation RT9817G-50GY Datasheet HTML 8Page - Richtek Technology Corporation RT9817G-50GY Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9817
4
DS9817-07
August 2007
www.richtek.com
Note 1. Stresses listed as the above
“Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RESET Output Voltage High
VOH
VDD > VTH(MAX) ,
ISOURCE = 800μA, VTH ≥ 3V
VDD −1.5
--
--
V
VDD > VTH(MAX) ,
ISOURCE = 500μA, VTH ≥ 1.8V
0.8 VDD
--
--
VDD > VTH(MAX) ,
ISOURCE = 200μA, VTH ≥ 1.1V
0.8 VDD
--
--
RESET Output Voltage Low
VOL
VDD > VTH(MAX) ,ISINK = 3.5mA,
VTH ≥ 3V
--
--
0.4
V
VDD > VTH(MAX) ,ISINK = 1.2mA,
VTH ≥ 1.8V
--
--
0.3
VDD > VTH(MAX) ,ISINK = 0.5mA,
VTH ≥ 1.2V
--
--
0.3
RESET Output Voltage High
VOH
1.1V < VDD < VTH(MIN) ,
ISOURCE = 200μA
0.8 VDD
--
--
V
1.8V < VDD < VTH(MIN) ,
ISOURCE = 500μA
0.8 VDD
--
--
3V < VDD < VTH(MIN) ,
ISOURCE = 800μA
VDD −1.5
--
--


Similar Part No. - RT9817G-50GY

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9817 RICHTEK-RT9817_11 Datasheet
139Kb / 11P
   Micro-Power Voltage Detectors with Manual Reset
More results

Similar Description - RT9817G-50GY

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9816 RICHTEK-RT9816_11 Datasheet
121Kb / 10P
   Micro-Power Voltage Detectors with Manual Reset
RT9817 RICHTEK-RT9817_11 Datasheet
139Kb / 11P
   Micro-Power Voltage Detectors with Manual Reset
RT9816 RICHTEK-RT9816 Datasheet
117Kb / 10P
   Micro-Power Voltage Detectors with Manual Reset
RT9807 RICHTEK-RT9807 Datasheet
176Kb / 7P
   Micro-Power Voltage Detector with Manual Reset
RT9834 RICHTEK-RT9834 Datasheet
157Kb / 13P
   Micro-Power Voltage Detector with Manual Reset
logo
Lowpower Semiconductor ...
LP3809 POWER-LP3809 Datasheet
347Kb / 6P
   Micro-Power Voltage Detectors, Reset Of MCU With Delay Time
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
   Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com