Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDFS2P753AZ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDFS2P753AZ
Description  Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode -30V, -3A, 115m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDFS2P753AZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDFS2P753AZ Datasheet HTML 1Page - Fairchild Semiconductor FDFS2P753AZ Datasheet HTML 2Page - Fairchild Semiconductor FDFS2P753AZ Datasheet HTML 3Page - Fairchild Semiconductor FDFS2P753AZ Datasheet HTML 4Page - Fairchild Semiconductor FDFS2P753AZ Datasheet HTML 5Page - Fairchild Semiconductor FDFS2P753AZ Datasheet HTML 6Page - Fairchild Semiconductor FDFS2P753AZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
tm
July 2007
©2007 Fairchild Semiconductor Corporation
FDFS2P753AZ Rev.B
www.fairchildsemi.com
1
FDFS2P753AZ
Integrated P-Channel PowerTrench® MOSFET and Schottky Diode
-30V, -3A, 115m
Features
Max rDS(on) = 115mΩ at VGS = -10V, ID = -3.0A
Max rDS(on) = 180mΩ at VGS = -4.5V, ID = -1.5A
VF < 0.45V @ 2A
VF < 0.28V @ 100mA
Schottky and MOSFET incorporated into single power surface
mount SO-8 package
Electrically independent Schottky and MOSFET pinout for
design flexibility
RoHS Compliant
General Description
The FDFS2P753AZ offers a single package solution for DC/DC
conversion. It combines an excellent Fairchild’s PowerTrench
MOSFET with a Schottky diode in an SO-8 package. The
MOSFET features a low on-state resistance and an optimized
gate charge to achieve fast switching. The independently
connected Schottky diode has a low forward voltage drop to
minimize power loss. This device is an Ideal DC-DC solution for
up to 3A peak load current.
Applications
DC - DC Conversion
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
-30
V
VGS
Gate to Source Voltage
±25
V
ID
Drain Current -Continuous
(Note 1a)
-3
A
-Pulsed
-16
PD
Power Dissipation
TC = 25°C
3.1
W
Power Dissipation
TA = 25°C
(Note 1a)
1.6
EAS
Single Pulse Avalanche Energy
(Note 2)
6
mJ
VRRM
Schottky Repetitive Peak Reverse Voltage
30
V
IO
Schottky Average Forward Current
2
A
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
(Note 1)
40
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
78
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDFS2P753AZ
FDFS2P753AZ
SO-8
330mm
12mm
2500units
D
C
C
D
Pin 1
SO-8
G
A
A
S
G
A
A
S
D
D
C
C
5
6
7
8
3
2
1
4


Similar Part No. - FDFS2P753AZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFS2P753AZ FAIRCHILD-FDFS2P753AZ Datasheet
269Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode -30V, -3A, 115m廓
FDFS2P753AZ FAIRCHILD-FDFS2P753AZ_08 Datasheet
269Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode -30V, -3A, 115m廓
More results

Similar Description - FDFS2P753AZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFS2P753AZ FAIRCHILD-FDFS2P753AZ_08 Datasheet
269Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode -30V, -3A, 115m廓
FDFMA2P853 FAIRCHILD-FDFMA2P853_08 Datasheet
841Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFS2P753Z FAIRCHILD-FDFS2P753Z Datasheet
338Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFME2P823ZT FAIRCHILD-FDFME2P823ZT Datasheet
275Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFM2P110_0508 FAIRCHILD-FDFM2P110_0508 Datasheet
277Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P853 FAIRCHILD-FDFMA2P853_06 Datasheet
251Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA3P029Z FAIRCHILD-FDFMA3P029Z Datasheet
353Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P853T FAIRCHILD-FDFMA2P853T Datasheet
357Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P857 FAIRCHILD-FDFMA2P857_08 Datasheet
602Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.0A, 120m廓
FDS4435BZ FAIRCHILD-FDS4435BZ_07 Datasheet
288Kb / 6P
   P-Channel PowerTrench짰 MOSFET -30V, -8.8A, 20m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com