Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT11132 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74ACT11132
Description  QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11132 Datasheet(HTML) 3 Page - Texas Instruments

  74ACT11132 Datasheet HTML 1Page - Texas Instruments 74ACT11132 Datasheet HTML 2Page - Texas Instruments 74ACT11132 Datasheet HTML 3Page - Texas Instruments 74ACT11132 Datasheet HTML 4Page - Texas Instruments 74ACT11132 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
74ACT11132
QUADRUPLE POSITIVE-NAND GATE
WITH SCHMITT-TRIGGER INPUTS
SCAS177 – D3974, JANUARY 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–3
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
VT
4.5 V
2
2
V
VT+
5.5 V
2
2
V
VT
4.5 V
0.8
0.8
V
VT–
5.5 V
0.8
0.8
V
VHys
4.5 V
0.4
1.2
0.4
1.2
V
Hys
(VT+ – VT– )
5.5 V
0.4
1.2
0.4
1.2
V
IOH =50 µA
4.5 V
4.4
4.4
IOH = – 50 µA
5.5 V
5.4
5.4
VOH
IOH =24 mA
4.5 V
3.94
3.8
V
IOH = – 24 mA
5.5 V
4.94
4.8
IOH = – 75 mA†
5.5 V
3.85
IOL =50 µA
4.5 V
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
VOL
IOL =24 mA
4.5 V
0.36
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
µA
∆ICC‡
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
0.9
1
mA
Ci
VI = VCC or GND
5 V
3.5
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
2.6
5.3
8
2.6
8.8
ns
tPHL
A or B
Y
3.7
6.4
8.1
3.7
9.3
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
29
pF


Similar Part No. - 74ACT11132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11132 TI1-74ACT11132 Datasheet
78Kb / 5P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
NXP Semiconductors
74ACT11132D PHILIPS-74ACT11132D Datasheet
132Kb / 5P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
October 20 1989
logo
Texas Instruments
74ACT11132DR TI1-74ACT11132DR Datasheet
78Kb / 5P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
NXP Semiconductors
74ACT11132N PHILIPS-74ACT11132N Datasheet
132Kb / 5P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
October 20 1989
logo
Texas Instruments
74ACT11132 TI1-74ACT11132_09 Datasheet
78Kb / 5P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - 74ACT11132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC132-Q1 TI1-SN74HC132-Q1_15 Datasheet
812Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
74ACT11132 TI1-74ACT11132_09 Datasheet
78Kb / 5P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
SN74LV132ADGVR TI-SN74LV132ADGVR Datasheet
317Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com