Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBG1105W Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # HBG1105W
Description  Single Color 3216 Dome Lenz Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

HBG1105W Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  HBG1105W Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. HBG1105W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Page 3
Absolute Maximum Ratings
HBG
HPG
HPY
HAY
HAA
HBR
Power Dissipation
Pd
75
75
75
75
75
60
mW
Forward Current
IF
30
30
30
30
30
30
mA
Pulse Forward
Current
※ 1
IFRM
70
70
70
70
70
70
mA
⊿IF
1.00
1.00
1.00
1.00
1.00
1.00
mA/℃
⊿IFRM
0.29
2.33
2.33
2.33
2.33
2.33
mA/℃
Reverse Voltage
VR
4444
44
V
Operating
Temperature
Topr
Storage Temperature
Tstg
Absolute Maximum Ratings
Item
Symbol
Unit
Derating
(Ta=75℃ or higher)
-40~+ 120
-40~+ 100
2004.10.29
Single Color 3216 Dome Lenz Type
1105W Series
※1 IFRMMeasurement condition : Pulse Width≦1ms., Duty≦1/20.
(Ta=25℃)


Similar Part No. - HBG1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HBG1105W STANLEY-HBG1105W Datasheet
549Kb / 21P
   Single Color 3216 Dome Lenz Type
HBG1105W STANLEY-HBG1105W Datasheet
156Kb / 2P
   H 1105W Series, Dome Lens Type SMT LED
More results

Similar Description - HBG1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HPG1105W-TR STANLEY-HPG1105W-TR Datasheet
549Kb / 21P
   Single Color 3216 Dome Lenz Type
BR1101W-TR STANLEY-BR1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1101W-TR STANLEY-PY1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
AA1102W-TR STANLEY-AA1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1102W-TR STANLEY-PY1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PS1105WA STANLEY-PS1105WA Datasheet
246Kb / 10P
   Surface Mount Phototransistor/Dome Lenz Type
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
   3216 size Dome Lens Type, Yellow color emitting LED
BG1111R STANLEY-BG1111R Datasheet
441Kb / 21P
   Single Color 3216 Reverse Mount Type
FR1105W-TR STANLEY-FR1105W-TR Datasheet
440Kb / 19P
   3216 Dome Lens Type, Water Clear resin
1105W STANLEY-1105W Datasheet
305Kb / 16P
   Single Color Dome Lens Type (High Reliability type, V-Series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com