Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6321ZWY6F Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM6321ZWY6F
Description  5-pin Supervisor with watchdog timer and push-button reset
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6321ZWY6F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM6321ZWY6F Datasheet HTML 7Page - STMicroelectronics STM6321ZWY6F Datasheet HTML 8Page - STMicroelectronics STM6321ZWY6F Datasheet HTML 9Page - STMicroelectronics STM6321ZWY6F Datasheet HTML 10Page - STMicroelectronics STM6321ZWY6F Datasheet HTML 11Page - STMicroelectronics STM6321ZWY6F Datasheet HTML 12Page - STMicroelectronics STM6321ZWY6F Datasheet HTML 13Page - STMicroelectronics STM6321ZWY6F Datasheet HTML 14Page - STMicroelectronics STM6321ZWY6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
STM6321/6322STM6821/6822/6823/6824/6825
Operation
11/26
2.3
Push-button reset input (STM6322/6821/6822/6823/6825)
A logic low on MR asserts reset. Reset remains asserted while MR is low, and for trec (see
Figure 25 on page 19) after it returns high. The MR input has an internal 52k
Ω pull-up
resistor, allowing it to be left open if not used. This input can be driven with TTL/CMOS-logic
levels or with open-drain/collector outputs. Connect a normally open momentary switch from
MR to GND to create a manual reset function; external debounce circuitry is not required. If
MR is driven from long cables or the device is used in a noisy environment, connect a 0.1µF
capacitor from MR to GND to provide additional noise immunity. MR may float, or be tied to
VCC when not used.
2.4
Watchdog input (STM6321/6821/6822/6823/6824)
The watchdog timer can be used to detect an out-of-control MCU. If the MCU does not
toggle the Watchdog Input (WDI) within tWD (1.6sec), the reset is asserted. The internal
watchdog timer is cleared by either:
1.
a reset pulse, or
2.
by toggling WDI (high-to-low or low-to-high), which can detect pulses as short as 50ns.
The timer remains cleared and does not count for as long as reset is asserted. As soon as
reset is released, the timer starts counting.
Note:
The watchdog function may be disabled by floating WDI or tri-stating the driver connected to
WDI. When tri-stated or disconnected, the maximum allowable leakage current is 10µA and
the maximum allowable load capacitance is 200pF.
2.5
Applications information
2.5.1
Watchdog input current
The WDI input is internally driven through a buffer and series resistor from the watchdog
counter. For minimum watchdog input current (minimum overall power consumption), leave
WDI low for the majority of the watchdog time-out period. When high, WDI can draw as
much as 160µA. Pulsing WDI high at a low duty cycle will reduce the effect of the large input
current. When WDI is left unconnected, the watchdog timer is serviced within the watchdog
time-out period by a low-high-low pulse from the counter chain.
2.5.2
Ensuring a valid reset output down to VCC =0V
The STM6xxx Supervisors are guaranteed to operate properly down to VCC = 1V. In
applications that require valid reset levels down to VCC = 0, a pull-down resistor to active-
low outputs (push/pull only, see Figure 12 on page 12) and a pull-up resistor to active-high
outputs (push/pull only, see Figure 13 on page 12) will ensure that the reset line is valid
while the reset output can no longer sink or source current. This scheme does not work with
the open drain outputs of the STM6321/6322/6822.
The resistor value used is not critical, but it must be large enough not to load the reset
output when VCC is above the reset threshold. For most applications, 100kΩ is adequate.


Similar Part No. - STM6321ZWY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6321ZWY6F STMICROELECTRONICS-STM6321ZWY6F Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM6321ZWY6F STMICROELECTRONICS-STM6321ZWY6F Datasheet
259Kb / 28P
   5-pin supervisor with watchdog timer and push-button reset
More results

Similar Description - STM6321ZWY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_08 Datasheet
259Kb / 28P
   5-pin supervisor with watchdog timer and push-button reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com