Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DQXO3SM Datasheet(PDF) 2 Page - STATEK CORPORATION

Part No. DQXO3SM
Description  Surface Mount Low Frequency Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STATEK [STATEK CORPORATION]
Homepage  http://www.statek.com
Logo 

DQXO3SM Datasheet(HTML) 2 Page - STATEK CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DQXO3SM
S
SM3
400H
,
100
/
I
HOW TO ORDER DQXO3SM CRYSTAL OSCILLATORS
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10144 - Rev C
SPECIFICATIONS: DQXO3SM at 400 Hz
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Supply Voltage (VDD)5 V 10% (3.3 V available)
Calibration Tolerance
1
A:
0.01% ( 100 ppm)
B:
0.1%
C:
1.0%
Frequency Stability
2
-55
OC to +125OC -350 ppm TYP
-600 ppm MAX
-40
OCto +85OC -150 ppm TYP
-300 ppm MAX
Voltage Coefficient
3 ppm/V TYP
10 ppm/V MAX
Aging
10 ppm/year MAX
Shock, survival
1000 g peak, 1 ms,1/2 sine
3 ppm MAX
Vibration, survival
10 g peak rms, 10-2000 Hz
3 ppm MAX
Frequency Change vs.
10%Output Load Change 1 ppm MAX
Operating Temp. Range
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
1. Tighter tolerances available
2. Does not include calibration tolerance.
Positive variations small compared to negative variations.
+
_
+
_
+
_
+
_
+
_
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.3 V to 7V
Storage Temperature
-55
OC to +125OC
Max Process Temperature 260
OC for 20 sec
ELECTRICAL CHARACTERISTICS
DQXO3SM 400 kHz
All parameters are measured at ambient temperature
with a 10 M
Ω and 10 pF load at 5 V.
SYMBOL PARAMETER
MIN
TYP
MAX UNIT
V
Output Voltage High 4.8
4.95
V
V
Output Voltage Low
0.05
0.4
V
*t r
Rise Time (10%-90%)
60
150
ns.
*t f
Fall Time (10%-90%)
60
150
ns.
Duty Cycle
40
50
60
%
I
DD
Supply Current
5V
fo= 32.768 kHz, CL=10pF
150
250
µA
* Models with faster rise and fall time available, consult factory.
PACKAGING
DQXO3SM
-Tray Pack (Standard)
OH
OL
“S” if special or
custom design
Blank if standard
Blank = SM1
= Gold Plated
(Lead Free)
SM3 = Solder Dipped
SM5 = Solder Dipped
(Lead Free)
Frequency
H = Hz
K = kHz
Calibration
Tolerance
@ 25
OC
(in ppm)
Operating Temp. Range:
C= -10
OC to +70OC
I = -40OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
OUTPUT WAVEFORM
Pb
VDD
VOH
tr
tf
0
VOL
10%*
90%*
*Of
VDD


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn