Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CX11SM Datasheet(PDF) 1 Page - STATEK CORPORATION

Part No. CX11SM
Description  Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STATEK [STATEK CORPORATION]
Homepage  http://www.statek.com
Logo 

CX11SM Datasheet(HTML) 1 Page - STATEK CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
DESCRIPTION
The CX1HSM quartz crystal is a high quality tuning fork
resonator for use in Series (two cascaded inverters)
oscillators. The CX1HSM is hermetically sealed in a rugged,
miniature ceramic package.
The CX1HSM crystal is
manufactured using the STATEK-developed photo-
lithographic process, and was designed utilizing the
experience acquired by producing millions of crystals for
industrial, commercial, military and medical applications.
Maximum process temperature should not exceed 260
OC.
FEATURES
Miniature tuning fork design
High shock resistance
Designed for low power applications
Compatible with hybrid or PC board packaging
Low aging
Full military testing available
Designed and manufactured in the USA
CX1HSM CRYSTAL
10 kHz to 600 kHz
Miniature
Surface Mount
Quartz Crystal for Series Oscillators
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.315
8.00
0.330
8.38
B
0.140
3.56
0.155
3.94
C-
-
see below
D
0.045
1.14
0.055
1.40
E
0.060
1.52
0.070
1.78
DIM “C”
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.065
1.65
0.070
1.78
SM2
0.067
1.70
0.072
1.83
SM3
0.070
1.78
0.075
1.90
10122 - Rev D
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
A
B
E
D
D
TOP
BOTTOM
C
E
PACKAGE DIMENSIONS
actual size
side view
0.160 (4.06)
inches (mm)
0.070 (1.78)
0.270 (6.86)
SUGGESTED LAND PATTERN
CONVENTIONAL SERIES
OSCILLATOR CIRCUIT
BUFFER
CX1H XTAL
OSCILLATOR
Contact factory for
design guidelines
Glass Lid Shown


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn