Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL401 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # FL401
Description  IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

FL401 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  FL401 Datasheet HTML 1Page - Pan Jit International Inc. FL401 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-NOV.17.2004
FEATURES
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-O
• Ideal for printed circuit board
• Reliable low cost construction utilizing molded plastic
technique
• Surge overload rating: 200 Amperes peak
Pb free product are available : 99% Sn above can meet Rohs environment substance
directive request
FL400 thru FL408
IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
MECHANICALDATA
Terminals: Leads solderable per MIL-STD-202G,
Method 208
Mounting position: Any
Weight: 0.2 ounce, 5.6 grams
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
DATA SHEET
.768(19.5)
.050(1.29)
.220(5.6)
C .134(3.4)
.728(18.5)
.049(1.25)
.181(4.6)
FL
Unit: inch (mm)
NOTES:
1. Thermal resistance from junction to ambient with units mounted on 0.3 x 0.3 x 0.11" thick( 7.5 x 7.5 x 0.3cm) AL Plate.
2. Thermal resistance from junction to lead with units mounted on P.C.B with 0.375"( 9.5mm) lead length and
0.5 x 0.5” ( 12 x 12 mm) copper pads.
Recongnized File # E111753
VOLTAGE
50 to 800 Volts
4.0 Amperes
CURRENT
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S0
0
4
L
F1
0
4
L
F2
0
4
L
F4
0
4
L
F6
0
4
L
F8
0
4
L
FS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V RRM
0
50
0
10
0
20
0
40
0
60
0
8V
e
g
a
t
l
o
V
t
u
p
n
I
e
g
d
i
r
B
S
M
R
m
u
m
i
x
a
M
V RMS
5
30
70
4
10
8
20
2
40
6
5V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V DC
0
50
0
10
0
20
0
40
0
60
0
8V
t
a
d
a
o
L
e
v
i
t
s
i
s
e
R
r
o
F
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
TA
0
5
=
O C
IAV
0
.
4A
t
n
e
r
r
u
C
d
a
o
l
r
e
v
O
e
g
r
u
S
e
l
c
y
C
e
n
O
k
a
e
P
IFS M
0
0
2A
A
0
.
4
t
a
t
n
e
m
e
l
E
e
g
d
i
r
B
r
e
p
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V F
1
.
1V
T
@
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
m
u
m
i
x
a
MA
5
2
=
O C
T
@
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
c
DA
0
0
1
=
O C
IR
0
1
0
0
0
1
A
u
I2
)
s
m
5
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
i
t
a
R
t
I2 t3
9A 2 t
)
1
e
t
o
N
(
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
)
2
e
t
o
N
(
R
θ A
J
R
θ L
J
9
1
4
.
2
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ ,
G
T
S
T
0
5
1
+
o
t
5
5
-
O C


Similar Part No. - FL401

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FL401 PANJIT-FL401 Datasheet
48Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
Transys Electronics
FL401 TRSYS-FL401 Datasheet
135Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
FL401 ETC2-FL401 Datasheet
226Kb / 4P
   Single Phase Bridge Rectifiers
More results

Similar Description - FL401

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBL400 PANJIT-KBL400 Datasheet
96Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Transys Electronics
FL400 TRSYS-FL400 Datasheet
135Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420_08 Datasheet
123Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 31-Jan-08
GBUE2560 VISHAY-GBUE2560 Datasheet
100Kb / 5P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 18-Oct-17
VSIB420 VISHAY-VSIB420 Datasheet
101Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 14-Jul-09
GSIB420 VISHAY-GSIB420 Datasheet
55Kb / 2P
   Single-Phase Single In-Line Bridge Rectifier
26-Nov-03
VSIB4A20 VISHAY-VSIB4A20 Datasheet
101Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 14-Jul-09
logo
TAITRON Components Inco...
KBPC50-005S TAITRON-KBPC50-005S Datasheet
150Kb / 4P
   50A Single-Phase in-line Bridge Rectifier
KBPC40-005S TAITRON-KBPC40-005S Datasheet
152Kb / 4P
   40A Single-Phase in-line Bridge Rectifier
logo
Comchip Technology
AM100-G COMCHIP-AM100-G Datasheet
54Kb / 2P
   Silicon Miniature Single-Phase Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com