Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXOM Datasheet(PDF) 1 Page - STATEK CORPORATION

Part No. CXOM
Description  Low Profile Miniature Surface Mount Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STATEK [STATEK CORPORATION]
Homepage  http://www.statek.com
Logo 

CXOM Datasheet(HTML) 1 Page - STATEK CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10116 Rev E
CXOM OSCILLATOR
300 kHz to 120 MHz
Low Profile Miniature Surface Mount
Crystal Oscillator
GM
4.19
M
A
TOP
BOTTOM
23
14
BC
D
D
E
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A
0.256
6.50
0.263
6.68
B
0.197
5.00
0.204
5.18
C (SM1)
0.051
1.30
0.055
1.40
C (SM3/SM5) 0.055
1.40
0.063
1.60
D
0.055
1.40
0.065
1.65
E
0.060
1.52
0.070
1.78
PIN CONNECTIONS
1. Enable/Disable (E or T) or not connected (N)
2. Ground
3. Output
4.
V
DD
SUGGESTED LAND PATTERN
DIMENSIONS
0.067 (1.70)
0.070 (1.78)
0.065 (1.65)
0.136 (3.45)
GRID
PLACEMENT
COURTYARD
0.137 (3.48)
0.201 (5.11)
inches (mm)
actual size
side view
DESCRIPTION
Statek’s surface-mount CXOM oscillators consist of a Statek
miniature quartz crystal and a CMOS/TTL compatible hybrid
circuit in a low-profile ceramic package with an extremely
small footprint.
FEATURES
Designed for surface mount applications using infrared,
vapor phase, or epoxy mount techniques
CMOS and TTL compatible
Low power consumption
Optional Output Enable/Disable with Tri-State
Low EMI emission
High shock resistance
Full military testing available
Hermetically sealed ceramic package
APPLICATIONS
Military & Aerospace
Smart Munitions
Cockpit Systems
Navigation
Industrial, Computer & Communications
Industrial Controls
Instrumentation
Microprocessor Clocks
Medical
Infusion Pumps


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn