Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9711CGF Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9711CGF
Description  80m廓, 1.5A/0.6A High-Side Power Switches with Flag
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711CGF Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9711CGF Datasheet HTML 1Page - Richtek Technology Corporation RT9711CGF Datasheet HTML 2Page - Richtek Technology Corporation RT9711CGF Datasheet HTML 3Page - Richtek Technology Corporation RT9711CGF Datasheet HTML 4Page - Richtek Technology Corporation RT9711CGF Datasheet HTML 5Page - Richtek Technology Corporation RT9711CGF Datasheet HTML 6Page - Richtek Technology Corporation RT9711CGF Datasheet HTML 7Page - Richtek Technology Corporation RT9711CGF Datasheet HTML 8Page - Richtek Technology Corporation RT9711CGF Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9801A/B
2
DS9801AB-11 March 2007
www.richtek.com
Functional Pin Description
Pin Name
Pin Function
VSET0
Threshold Voltage Selection Pin
GND
Ground Pin
RESET
Reset Pulse Output, Negative Pulse
VDD
Power Pin
VSET1
Threshold Voltage Selection Pin
VSET2
Threshold Voltage Selection Pin
Function Block Diagram
Test Circuits
Detection Voltage
Output Transistor Current
Current Consumption
Dynamic Response
Note : Threshold Voltage Setting refer to the Table.1
6V
RT9801A/B
GND
RESET
CRT
100K
VDD
CL
P.G
V
DD
RT9801A/B
GND
V
RESET
VDD
A
VSET
CMP
Timer
POR
Threshold Voltage Setting
Power On Reset
VDD
VSET1
RESET
N MOS
VSET0
VSET2
Internal
Clock
GND
RT9801A/B
V
DD
GND
V
RESET
R
100K
Oscilloscopes
VDD
V
RESET
V
DD
RT9801A/B
GND
RESET
VDD
A
V
V


Similar Part No. - RT9711CGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711GB RICHTEK-RT9711GB Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711GS RICHTEK-RT9711GS Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711PB RICHTEK-RT9711PB Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
More results

Similar Description - RT9711CGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
   POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
   80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
   80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
logo
Unisonic Technologies
US204 UTC-US204 Datasheet
249Kb / 6P
   100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com