Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9711CGBG Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9711CGBG
Description  80m廓, 1.5A/0.6A High-Side Power Switches with Flag
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711CGBG Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9711CGBG Datasheet HTML 1Page - Richtek Technology Corporation RT9711CGBG Datasheet HTML 2Page - Richtek Technology Corporation RT9711CGBG Datasheet HTML 3Page - Richtek Technology Corporation RT9711CGBG Datasheet HTML 4Page - Richtek Technology Corporation RT9711CGBG Datasheet HTML 5Page - Richtek Technology Corporation RT9711CGBG Datasheet HTML 6Page - Richtek Technology Corporation RT9711CGBG Datasheet HTML 7Page - Richtek Technology Corporation RT9711CGBG Datasheet HTML 8Page - Richtek Technology Corporation RT9711CGBG Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT9801A/B
3
DS9801AB-11 March 2007
www.richtek.com
Absolute Maximum Ratings
Terminal Voltage (with Respect to GND)
VDD ------------------------------------------------------------------------------------------------------------------------
0.3V to 6.0V
All Other Inputs --------------------------------------------------------------------------------------------------------
0.3V to VDD+0.3V
Input Current, VDD ----------------------------------------------------------------------------------------------------- 20mA
Continuous Power Dissipation, PD @ TA = 25
°C
SOT-23-6 ---------------------------------------------------------------------------------------------------------------- 0.25W
Operating Junction Temperature Range --------------------------------------------------------------------------
40
°C to 125°C
Storage Temperature Range ----------------------------------------------------------------------------------------
65
°C to 125°C
Package Thermal Resistance
SOT-23-6,
θJA ----------------------------------------------------------------------------------------------------------- 250°C /W
Lead Temperature (Soldering, 10sec.) ---------------------------------------------------------------------------- 260
°C
Electrical Characteristics
(VDD = 3V, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating VDD Range
VDD
0.9
--
6
V
--
--
3
Supply Current
IDD
VDD = 1.5V ~ 3.5V, ISINK = 0
VDD = 3.5V ~ 5V, ISINK = 0
--
--
3.3
μA
Reset Threshold
VTH
TA = 27°C
--
Note1
--
V
Threshold Voltage Accuracy
ΔVTH
TA = 27°C
--
--
3
%
VDD Drop to Reset Delay
tRD
Drop = -125mV
--
--
20
μs
Reset Active Timeout Period
tRP
VDD ≥ 1.02×VTH, Programmable
120
200
280
ms
VIL
TA = 27°C
--
0.15VDD
--
VSET Pin Input Threshold
VIH
TA = 27°C
--
0.85VDD
--
V
RESET Output Voltage
VOL
VDD < VTH, ISINK = 3.5mA
--
0.4
--
V
Timing Diagram
V
DD
V
TH
V
RESET
t
RP
t
RD
Drop
V
DD
V
TH
V
RESET


Similar Part No. - RT9711CGBG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711GB RICHTEK-RT9711GB Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711GS RICHTEK-RT9711GS Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711PB RICHTEK-RT9711PB Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
More results

Similar Description - RT9711CGBG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
   POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
   80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
   80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
logo
Unisonic Technologies
US204 UTC-US204 Datasheet
249Kb / 6P
   100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com