Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9701GBL Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9701GBL
Description  100m廓 Power Distribution Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701GBL Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9701GBL Datasheet HTML 1Page - Richtek Technology Corporation RT9701GBL Datasheet HTML 2Page - Richtek Technology Corporation RT9701GBL Datasheet HTML 3Page - Richtek Technology Corporation RT9701GBL Datasheet HTML 4Page - Richtek Technology Corporation RT9701GBL Datasheet HTML 5Page - Richtek Technology Corporation RT9701GBL Datasheet HTML 6Page - Richtek Technology Corporation RT9701GBL Datasheet HTML 7Page - Richtek Technology Corporation RT9701GBL Datasheet HTML 8Page - Richtek Technology Corporation RT9701GBL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9701
3
DS9701-13 March 2007
www.richtek.com
Electrical Characteristics
Absolute Maximum Ratings
Supply Voltage --------------------------------------------------------------------------------------------------------- 7V
Chip Enable -------------------------------------------------------------------------------------------------------------
0.3V to 7V
Power Dissipation, PD @ TA = 25°C
SOT-23-5 ---------------------------------------------------------------------------------------------------------------- 0.25W
Package Thermal Resistance
SOT-23-5,
θJA ----------------------------------------------------------------------------------------------------------- 250°C /W
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Operating Junction Temperature Range --------------------------------------------------------------------------
20°C to 100°C
Storage Temperature Range ----------------------------------------------------------------------------------------
65°C to 150°C
VOUT ESD Level
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 8kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 800V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.2
--
6
V
RT9701CBL
IL = 1A
--
85
100
Output NMOSFET RDS(ON)
RT9701CB
RDS(ON)
IL = 1A
--
87
100
m
Ω
VIN = 3V
--
19
40
Quiescent Current
VIN = 5V
--
23
45
μA
Output Turn-On Rising Time
TR
RL = 10Ω, 90% Settling
--
400
--
μs
Current Limit Threshold
ILIMIT
RL = 2Ω
1.1
1.5
2
A
Short-circuit Fold Back Current
IOS
VOUT = 0V, measured
prior to thermal shutdown
--
1.0
--
A
EN Input High Threshold
RT9701CB
2.0
--
--
V
EN Input Low Threshold
RT9701CB
--
--
0.8
V
Shutdown Supply Current
RT9701CB
IOFF
EN = “0”
--
0.1
1
μA
Output Leakage Current
RT9701CB
ILEAKAGE EN = “0”, VOUT = 0V
--
0.5
10
μA
VIN Under Voltage Lockout
UVLO
1.3
1.8
--
V
VIN Under Voltage Hysteresis
--
100
--
mV
Thermal Limit
TSD
--
130
--
°C
Thermal Limit Hysteresis
ΔTSD
--
20
--
°C
(VIN = 5V, CIN = COUT = 1
μF, TA = 25°C, unless otherwise specified)


Similar Part No. - RT9701GBL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
306Kb / 12P
   100m POWER DISTRIBUTION SWITCHES
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
RT9701BGB RICHTEK-RT9701BGB Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
RT9701BGBL RICHTEK-RT9701BGBL Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
RT9701BPB RICHTEK-RT9701BPB Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
More results

Similar Description - RT9701GBL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701B RICHTEK-RT9701B_11 Datasheet
272Kb / 11P
   100m廓 Power Distribution Switches
RT9701 RICHTEK-RT9701_11 Datasheet
287Kb / 10P
   100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202_11 Datasheet
207Kb / 6P
   100m廓 POWER DISTRIBUTION SWITCHES
logo
AiT Semiconductor Inc.
A4770 AITSEMI-A4770 Datasheet
588Kb / 6P
   POWER SWITCH 100m廓 POWER DISTRIBUTION SWITCHES
REV2.1
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
306Kb / 12P
   100m POWER DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202 Datasheet
210Kb / 7P
   100m??POWER DISTRIBUTION SWITCHES
US202 UTC-US202_18 Datasheet
208Kb / 5P
   100m POWER DISTRIBUTION SWITCHES
logo
Shenzhen Huazhimei Semi...
HM9708 HMSEMI-HM9708 Datasheet
525Kb / 9P
   200m廓 Power Distribution Switches
HM9701A HMSEMI-HM9701A Datasheet
382Kb / 4P
   150m廓 Power Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com