Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9702 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9702
Description  80m廓, 500mA/1.1A High-Side Power Switches with Flag
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9702 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9702 Datasheet HTML 1Page - Richtek Technology Corporation RT9702 Datasheet HTML 2Page - Richtek Technology Corporation RT9702 Datasheet HTML 3Page - Richtek Technology Corporation RT9702 Datasheet HTML 4Page - Richtek Technology Corporation RT9702 Datasheet HTML 5Page - Richtek Technology Corporation RT9702 Datasheet HTML 6Page - Richtek Technology Corporation RT9702 Datasheet HTML 7Page - Richtek Technology Corporation RT9702 Datasheet HTML 8Page - Richtek Technology Corporation RT9702 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT9702/A
1
DS9702/A-11
June 2007
www.richtek.com
80m
Ω
Ω
Ω
Ω
Ω, 500mA/1.1A High-Side Power Switches with Flag
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
Ordering Information
General Description
The RT9702 and RT9702A are cost-effective, low voltage,
single N-Channel MOSFET high-side power switches,
optimized for self-powered and bus- powered Universal
Serial Bus (USB) applications. The RT9702/A equipped
with a charge pump circuitry to drive the internal MOSFET
switch; the switch's low RDS(ON), 80m
Ω, meets USB
voltage drop requirements; and a flag output is available
to indicate fault conditions to the local USB controller.
Additional features include soft-start to limit inrush current
during plug-in, thermal shutdown to prevent catastrophic
switch failure from high-current loads, under-voltage
lockout (UVLO) to ensure that the device remains off
unless there is a valid input voltage present, fault current
is limited to typically 800mA for RT9702 in single port and
1.5A for RT9702A in dual ports in accordance with the
USB power requirements, lower quiescent current as 25
μA
making this device ideal for portable battery-operated
equipment.
The RT9702/A is available in SOT-23-5 and TSOT-23-5
packages requiring minimum board space and smallest
components.
Features
Compliant to USB Specifications
Built-In (Typically 80m
Ω
Ω
Ω
Ω
Ω) N-Channel MOSFET
Output Can Be Forced Higher Than Input (Off-State)
Low Supply Current :
25
μμμμμA Typical at Switch On State
1
μμμμμA Typical at Switch Off State
Guaranteed 500mA/RT9702 and 1.1A/RT9702A
Continuous Load Current
Wide Input Voltage Ranges : 2V to 5.5V
Open-Drain Fault Flag Output
Hot Plug-In Application (Soft-Start)
1.7V Typical Under-Voltage Lockout (UVLO)
Current Limiting Protection
Thermal Shutdown Protection
Reverse Current Flow Blocking (no body diode)
Smallest SOT-23-5 and TSOT-23-5 Packages
Minimizes Board Space
UL Approved
−−−−−E219878
TUV IEC60950-1 : 2005 Certified
RoHS Compliant and 100% Lead (Pb)-Free
Applications
USB Bus/Self Powered Hubs
USB Peripherals
ACPI Power Distribution
PC Card Hot Swap
Notebook, Motherboard PCs
Battery-Powered Equipment
Hot-Plug Power Supplies
Battery-Charger Circuits
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
RT9702/A
Package Type
B : SOT-23-5
J5 : TSOT-23-5
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
1.1A Output Current
500mA Output Current


Similar Part No. - RT9702

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9702A RICHTEK-RT9702A Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
More results

Similar Description - RT9702

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
   80m廓, 500mA High-Side Power Switches with Flag
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
   POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com