Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9644AGQV Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9644AGQV
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9644AGQV Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9644AGQV Datasheet HTML 6Page - Richtek Technology Corporation RT9644AGQV Datasheet HTML 7Page - Richtek Technology Corporation RT9644AGQV Datasheet HTML 8Page - Richtek Technology Corporation RT9644AGQV Datasheet HTML 9Page - Richtek Technology Corporation RT9644AGQV Datasheet HTML 10Page - Richtek Technology Corporation RT9644AGQV Datasheet HTML 11Page - Richtek Technology Corporation RT9644AGQV Datasheet HTML 12Page - Richtek Technology Corporation RT9644AGQV Datasheet HTML 13Page - Richtek Technology Corporation RT9644AGQV Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
RT9644/A
Preliminary
10
DS9644/A-01 August 2007
www.richtek.com
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution is highly recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
DDR_VTT UV Level
VTT/VVREF_IN S0
--
85
--
%
VGMCH UV Level
VFB4/VREF
S0
--
75
--
%
VTT_GMCH/CPU UV Level
VFB2/VREF
S0
--
75
--
%
Thermal Shutdown Limit
TSD
By Design
--
140
--
°C


Similar Part No. - RT9644AGQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641A RICHTEK-RT9641A Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
RT9641AC32 RICHTEK-RT9641AC32 Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641AGS RICHTEK-RT9641AGS Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
RT9641APS RICHTEK-RT9641APS Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
More results

Similar Description - RT9644AGQV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com