Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9701 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9701
Description  100m廓 Power Distribution Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9701 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9701_07 Datasheet HTML 1Page - Richtek Technology Corporation RT9701_07 Datasheet HTML 2Page - Richtek Technology Corporation RT9701_07 Datasheet HTML 3Page - Richtek Technology Corporation RT9701_07 Datasheet HTML 4Page - Richtek Technology Corporation RT9701_07 Datasheet HTML 5Page - Richtek Technology Corporation RT9701_07 Datasheet HTML 6Page - Richtek Technology Corporation RT9701_07 Datasheet HTML 7Page - Richtek Technology Corporation RT9701_07 Datasheet HTML 8Page - Richtek Technology Corporation RT9701_07 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9701
5
DS9701-13 March 2007
www.richtek.com
EN Threshold vs. Input Voltage
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
Rising
Falling
*Test Circuit 3
TA = 25°C
EN Pin Threshold Voltage vs. Input
Short Circuit Current vs. Input Voltage
200
450
700
950
1200
1450
1700
1950
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
TA = 25°C
Short Circuit Current vs. Temperature
500
600
700
800
900
1000
1100
1200
1300
1400
-40
-20
0
204060
80
100
120
Temperature ( C)
(°C)
VIN = 5V
EN Threshold vs. Temperature
0.0
0.4
0.8
1.2
1.6
2.0
2.4
-40
-20
0
20
40
60
80
100
120
Temperature
(°C)
VIN = 5V
Rising
Falling
*Test Circuit 3
EN Pin Threshold Voltage vs.
Turn Off Falling Time vs. Temperature
0
20
40
60
80
100
120
140
-40
-20
0
20
40
60
80
100
120
Temperature
RL = 30
Ω
CL = 1uF Ceramic
*Test Circuit 3
(°C)
VIN = 5V
Turn On Rising Time vs. Temperature
0
90
180
270
360
450
540
630
720
-40
-20
0
20
406080
100
120
Temperature
(°C)
VIN = 5V
RL =30
Ω
CL = 1uF Ceramic
*Test Circuit 3


Similar Part No. - RT9701_07

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
RT9701BGB RICHTEK-RT9701BGB Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
RT9701BGBL RICHTEK-RT9701BGBL Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
RT9701BPB RICHTEK-RT9701BPB Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
RT9701BPBL RICHTEK-RT9701BPBL Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
More results

Similar Description - RT9701_07

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701B RICHTEK-RT9701B_11 Datasheet
272Kb / 11P
   100m廓 Power Distribution Switches
RT9701 RICHTEK-RT9701_11 Datasheet
287Kb / 10P
   100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202_11 Datasheet
207Kb / 6P
   100m廓 POWER DISTRIBUTION SWITCHES
logo
AiT Semiconductor Inc.
A4770 AITSEMI-A4770 Datasheet
588Kb / 6P
   POWER SWITCH 100m廓 POWER DISTRIBUTION SWITCHES
REV2.1
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
306Kb / 12P
   100m POWER DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202 Datasheet
210Kb / 7P
   100m??POWER DISTRIBUTION SWITCHES
US202 UTC-US202_18 Datasheet
208Kb / 5P
   100m POWER DISTRIBUTION SWITCHES
logo
Shenzhen Huazhimei Semi...
HM9708 HMSEMI-HM9708 Datasheet
525Kb / 9P
   200m廓 Power Distribution Switches
HM9701A HMSEMI-HM9701A Datasheet
382Kb / 4P
   150m廓 Power Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com