Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9645GQV Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9645GQV
Description  5 Channels ACPI Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9645GQV Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9645GQV Datasheet HTML 5Page - Richtek Technology Corporation RT9645GQV Datasheet HTML 6Page - Richtek Technology Corporation RT9645GQV Datasheet HTML 7Page - Richtek Technology Corporation RT9645GQV Datasheet HTML 8Page - Richtek Technology Corporation RT9645GQV Datasheet HTML 9Page - Richtek Technology Corporation RT9645GQV Datasheet HTML 10Page - Richtek Technology Corporation RT9645GQV Datasheet HTML 11Page - Richtek Technology Corporation RT9645GQV Datasheet HTML 12Page - Richtek Technology Corporation RT9645GQV Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT9645
Preliminary
9
DS9645-00
August 2007
www.richtek.com
Overview
The RT9645 integrates two synchronous buck PWM
controllers, two LDO controllers, and a dual power
switching controller. It is primarily designed for computer
applications powered from an ATX power supply.
A 300kHz Synchronous Buck PWM controller with a
precision 0.8V reference provides the proper Core voltage
to the system main memory.
A second 300kHz PWM Buck controller which requires
an external MOSFET driver, provides the GMCH core
voltage. One LDO controller regulates for FSB_VTT
termination and other one is for the 3VSB power regulation.
RT9645 also provides a dual power control 5VDL for S0
and S3 system power.
Table 1
State
VCC_D RV
SB5V_DR V
5VDL
S5
L
H
Off
S3
L
L
On
S0
H
H
On
State
FSB_VTT
3VSB
VDDQ
S5
Off
On
Off
S3
Off
On
On
S0
On
On
On
ACPI State Transitions
ACPI compliance is realized through the S3 and S5 sleep
signals. Figure 3 shows how the RT9645 regulators are
working during all state transitions.
S5 to S0 Transition
After AC power is plugged, the RT9645 stays in S5 state
until the power button is pushed on. The S3 and S5 signals
transit to HIGH and the +12V rail starts to ramp up. The
RT9645 POR is executed as soon as PVIN voltage exceeds
the threshold.
In Intel mode, after an internal time delay TSS the VDDQ
PWM will enable soft-start sequence and VCC_DRV will
change to high. In AMD mode, VDDQ PWM is enabled
after VDDQ_EN goes high. FSB_VTT soft-start will follow
VDDQ soft-start with a time delay TSS in Intel mode, but in
AMD mode FSB_VTT soft-start is triggered by VTT_EN
becoming high. After VDDQ rail and the FSB_VTT soft-
start completes, all RT9645 regulators work in normal
operation. Refer to Figure 3 and Figure 4 for the detailed
timing diagrams.
OCSET
OCSET
DS(ON)
40 A R
I
R
μ×
=
Application Information
S0 to S3 Transition
When S3 goes LOW but S5 still HIGH ,the RT9645 will
disable FSB_VTT regulators. SB5V_DRV and VCC_DRV
will go low to continually power on 5VDL rail. The memory
power VDDQ is also maintained.
S3 to S0 Transition
When S3 transits from LOW to HIGH with S5 keeps HIGH
and after the PVIN exceeds its POR threshold, in Intel
mode the RT9645 will wait a time delay TSS and then soft-
starts FSB_VTT LDO. In AMD mode, FSB_VTT will soft-
start after VTT_EN goes high.
S0 to S5 Transition
When the system transits from active state to shutdown
(S0 to S5) state, the RT9645 keeps powering 3VSB and
turn off the other power regulators.
Fault Protection
The RT9645 monitors the VDDQ ,PWM2 and 3VSB regulator
for under voltage and over-current protection. The FSB_VTT
LDO regulator is monitored for under voltage protection. If
RT9645 detects thermal Shutdown, over current (or Under
Voltage) of 3VSB, the RT9645 will immediately shutdown
all regulators and jump to first system state to redo power
sequence.
When VDDQ issues Under Voltage or Over Current or
FSB_VTT issues Under Voltage, the RT9645 will
immediately enters into S5 sleep state.This can only be
cleared by toggling the S5 signal.
VDDQ and PWM2 Over Current Protection
The RT9645 senses the current flowing through low side
MOSFET for over current protection (OCP). A 40
μAcurrent
source flows through the external resistor ROCSET to
PHASE pin causes 40
μA x ROCSET voltage drop across
the resistor. OCP is triggered if the voltage at PHASE pin
(drop of lower MOSFET VDS) is lower than Rocset voltage
drop when low side MOSFET conducting. Accordingly
inductor current threshold for OCP is a function of
conducting resistance of lower MOSFET RDS(ON) as :


Similar Part No. - RT9645GQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641A RICHTEK-RT9641A Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
RT9641AC32 RICHTEK-RT9641AC32 Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641AGS RICHTEK-RT9641AGS Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
RT9641APS RICHTEK-RT9641APS Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
More results

Similar Description - RT9645GQV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
logo
Richtek Technology Corp...
RT9643 RICHTEK-RT9643_11 Datasheet
438Kb / 17P
   5 Channel ACPI Regulator with Step-Down DC/DC Controller
RT9643 RICHTEK-RT9643 Datasheet
443Kb / 17P
   5 Channel ACPI Regulator with Step-Down DC/DC Controller
logo
STMicroelectronics
TEA5115 STMICROELECTRONICS-TEA5115 Datasheet
118Kb / 10P
   5 CHANNELS VIDEO SWITCH
TEA5116 STMICROELECTRONICS-TEA5116 Datasheet
81Kb / 8P
   5 CHANNELS VIDEO SWITCH
logo
Global Mixed-mode Techn...
G2218 GMT-G2218 Datasheet
71Kb / 1P
   654 Channels PMU
logo
Fairchild Semiconductor
FAN5068 FAIRCHILD-FAN5068 Datasheet
159Kb / 18P
   DDR-1/DDR-2 plus ACPI Regulator Combo
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A_07 Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
logo
ADDtek Corp
A708 ADDTEK-A708 Datasheet
177Kb / 8P
   3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
AUGUST 2007
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com