Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9645PQV Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9645PQV
Description  5 Channels ACPI Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9645PQV Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9645PQV Datasheet HTML 3Page - Richtek Technology Corporation RT9645PQV Datasheet HTML 4Page - Richtek Technology Corporation RT9645PQV Datasheet HTML 5Page - Richtek Technology Corporation RT9645PQV Datasheet HTML 6Page - Richtek Technology Corporation RT9645PQV Datasheet HTML 7Page - Richtek Technology Corporation RT9645PQV Datasheet HTML 8Page - Richtek Technology Corporation RT9645PQV Datasheet HTML 9Page - Richtek Technology Corporation RT9645PQV Datasheet HTML 10Page - Richtek Technology Corporation RT9645PQV Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT9645
Preliminary
7
DS9645-00
August 2007
www.richtek.com
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Oscillator and Soft-Start
PW M Frequency
fOSC
265
300
345
kHz
Ramp Amplitude
ΔVOSC
--
1.2
--
V
Ramp Offset
VOSC_OS
--
0.9
--
V
Soft-Start Interval
TSS
4
8
--
ms
Reference Voltage
Reference Voltage VREF
VREF
0.784
0.8
0.816
V
VDDQ PWM1 Controller
UGATE Source
IUGATEsc
VBOOT −VPHASE = 12V;
VUGATE − VPHASE = 6V
0.5
1
--
A
UGATE Sink
RUGATEsk
VBOOT −VPHASE = 12V;
VUGATE − VPHASE = 1V
--
4
8
Ω
LGATE Source
ILGATEsc VPVIN = 12V; VLGATE = 6V
0.5
1
--
A
LGATE Sink
RLGATEsk VPVIN = 12V; VLGATE = 1V
--
3
5
Ω
OC Current Source
IOC1
VISNS = 0V
34
40
46
μA
Under Voltage Lockout
VUV1
--
75
--
%
COMP1 Enable Threshold
VEN1
0.1
0.2
--
V
PWM2 Controller
OC current source
IOC2
VISNS2 = 0V
34
40
46
μA
Under Voltage Lockout
VUV2
--
75
--
%
SS2/EN2 Source Current
ISS2
VSS2/EN2 = 0V
--
5
--
μA
Enable Threshold
VEN2
--
0.5
--
V
UV Protection Enable Threshold
VPT_EN2 VDD = 5V
--
3.6
--
V
FSB _VTT Regulator
External Gate Driver
VOH3
VPVIN = 12V
10.5
--
--
V
Gate Source Current
ISC3
VVTT_DRV = 3V
--
4
--
mA
Gate Sink Current
ISK3
VVTT DRV = 0.6V
15
22
--
mA
Under Voltage Lockout
VUV3
--
75
--
%
3VSB Regulator
Regulated Voltage
V3VSB
3.2
3.3
3.4
V
Source Current
ISC4
30
40
--
mA
OC Current
IOC4
40
80
--
mA
Under Voltage Lockout
VUV4
--
75
--
%
Others
S3, S5 High Input Threshold
VIL
--
--
0.75
V
S3, S5 Low Input Threshold
VIH
2.2
--
--
V
Thermal Shutdown Limit
TSHDN
--
140
--
°C


Similar Part No. - RT9645PQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641A RICHTEK-RT9641A Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
RT9641AC32 RICHTEK-RT9641AC32 Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641AGS RICHTEK-RT9641AGS Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
RT9641APS RICHTEK-RT9641APS Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
More results

Similar Description - RT9645PQV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
logo
Richtek Technology Corp...
RT9643 RICHTEK-RT9643_11 Datasheet
438Kb / 17P
   5 Channel ACPI Regulator with Step-Down DC/DC Controller
RT9643 RICHTEK-RT9643 Datasheet
443Kb / 17P
   5 Channel ACPI Regulator with Step-Down DC/DC Controller
logo
STMicroelectronics
TEA5115 STMICROELECTRONICS-TEA5115 Datasheet
118Kb / 10P
   5 CHANNELS VIDEO SWITCH
TEA5116 STMICROELECTRONICS-TEA5116 Datasheet
81Kb / 8P
   5 CHANNELS VIDEO SWITCH
logo
Global Mixed-mode Techn...
G2218 GMT-G2218 Datasheet
71Kb / 1P
   654 Channels PMU
logo
Fairchild Semiconductor
FAN5068 FAIRCHILD-FAN5068 Datasheet
159Kb / 18P
   DDR-1/DDR-2 plus ACPI Regulator Combo
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A_07 Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
logo
ADDtek Corp
A708 ADDTEK-A708 Datasheet
177Kb / 8P
   3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
AUGUST 2007
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com