Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9644PQV Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9644PQV
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9644PQV Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9644PQV Datasheet HTML 5Page - Richtek Technology Corporation RT9644PQV Datasheet HTML 6Page - Richtek Technology Corporation RT9644PQV Datasheet HTML 7Page - Richtek Technology Corporation RT9644PQV Datasheet HTML 8Page - Richtek Technology Corporation RT9644PQV Datasheet HTML 9Page - Richtek Technology Corporation RT9644PQV Datasheet HTML 10Page - Richtek Technology Corporation RT9644PQV Datasheet HTML 11Page - Richtek Technology Corporation RT9644PQV Datasheet HTML 12Page - Richtek Technology Corporation RT9644PQV Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Preliminary
9
DS9644/A-01 August 2007
www.richtek.com
RT9644/A
To be continued
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Reference Voltage
Reference Voltage VREF
--
0.8
--
V
System Accuracy
-2
-
2
%
VDDQ PWM Controller Error Amplifier
DC Gain Guaranteed By Design
--
80
--
dB
Gain-Bandwidth Product GBWP
15
--
--
MHz
Slew Rate SR
--
6
--
V/
µs
Control I/O (S3# and S5#)
Low Level Input Threshold
--
--
0.75
V
High Level Input Threshold
2.2
--
--
V
PWM Controller Gate Drivers
UGATE and LGATE Source IGAT E
--
-0.8
--
A
UGATE and LGATE Sink IGATE
--
0.8
--
A
VTT Regulator
Upper Divider Impedance RU
RU
--
2.5
--
k
Lower Divider Impedance RL
RL
--
2.5
--
k
VREF_OUT Buffer Source Current
IVREF_OUT
--
--
2
mA
Maximum VTT Load Current
IVTT_MAX
Periodic load applied with 30%
duty cycle and 10ms period
-3
--
3
A
Linear Regulators
DC GAIN Guaranteed By Design
--
80
--
dB
Gain Bandwidth Product GBWP
12
--
--
MHz
Slew Rate SR
--
6
--
V/
µs
DRIVEn High Output Voltage
DRIVEn unloaded
9.75
10
--
V
DRIVEn Low Output Voltage
DRIVEn unloaded
--
0.16
0.4
V
DRIVEn High Output Source Current
--
1.2
--
mA
DRIVEn Low Output Sink Current
--
1.2
--
mA
VIDPGOOD
VTT_GMCH/CPU Rising Threshold
S0
0.725
0.74
--
V
VTT_GMCH/CPU Falling Threshold
S0
--
0.7
0.715
V
Protection
OCSET Current Source
IOCSET
18
20
22
µA
DDR_VTT Current Limit
By Design
−3.3
--
3.3
A
VDDQ OV Level
S0/S3
VFB/VREF
S0/S3
--
115
--
%
VDDQ UV Level
VFB/VREF
S0/S3
--
75
--
%
DDR_VTT OV Level
VTT/VVREF_IN S0
--
115
--
%


Similar Part No. - RT9644PQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641A RICHTEK-RT9641A Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
RT9641AC32 RICHTEK-RT9641AC32 Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641AGS RICHTEK-RT9641AGS Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
RT9641APS RICHTEK-RT9641APS Datasheet
231Kb / 11P
   Triple Linear Regulator Controller Support ACPI Control Interface
More results

Similar Description - RT9644PQV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com