Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9619 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9619
Description  Synchronous-Rectified Buck MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9619 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9619 Datasheet HTML 4Page - Richtek Technology Corporation RT9619 Datasheet HTML 5Page - Richtek Technology Corporation RT9619 Datasheet HTML 6Page - Richtek Technology Corporation RT9619 Datasheet HTML 7Page - Richtek Technology Corporation RT9619 Datasheet HTML 8Page - Richtek Technology Corporation RT9619 Datasheet HTML 9Page - Richtek Technology Corporation RT9619 Datasheet HTML 10Page - Richtek Technology Corporation RT9619 Datasheet HTML 11Page - Richtek Technology Corporation RT9619 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RT9619/A
10
DS9619/A-04 March 2007
www.richtek.com
Please note that the VCC trigger point to RT9619/A is at
3V, and the clamped level on PHASE pin is at about 2.4V.
Obviously since the PHASE pin voltage increases during
initial start-up, the VCORE increases correspondingly, but
it would quickly drop-off followed by LGATE and VCC
decreased.
Layout Consideration
Figure 6 shows the schematic circuit of a two-phase
synchronous buck converter to implement the RT9619/A.
The converter operates from 5V to 12V of VIN.
Figure 5. Waveforms at High Side MOSFET Shorted
VCC
VIN
PGND
BOOT
UGATE
PHASE
LGATE
RT9619/A
1uF
C
L
3nF
20
C
U
3nF
2N7002
2N7002
+12V
+12V
1uF
PWM
1N4148
C
BOOT
10
VCC
PHASE
LGATE
VCORE
(2V/Div)
(2V/Div)
(2V/Div)
(2V/Div)
Time (50ms/Div)
0
100
200
300
400
500
600
700
800
900
1000
0
200
400
600
800
1000
Frequency (kHz)
CU=CL=3nF
CU=CL=1nF
CU=CL=2nF
Power Dissipation vs. Frequency
The operating junction temperature can be calculated from
the power dissipation curves (Figure 4). Assume
VCC=12V, operating frequency is 200kHz and the
CU=CL=1nF which emulate the input capacitances of the
high side and low side power MOSFETs. From Figure 4,
the power dissipation is 100mW. For RT9619/A, the
package thermal resistance
θJA is 160°C/W, the operating
junction temperature is calculated as :
Figure 3. Test Circuit
This dissipation is a function of switching frequency and
total gate charge of the selected MOSFET. Figure 3 shows
the power dissipation test circuit. CL and CU are the UGATE
and LGATE load capacitors, respectively. The bootstrap
capacitor value is 1
μF.
Figure 4 shows the power dissipation of the RT9619/A as
a function of frequency and load capacitance. The value of
the CU and CL are the same and the frequency is varied
from 100kHz to 1MHz.
Figure 4. Power Dissipation vs. Frequency
TJ = (160
°C/W x 100mW) + 25°C = 41°C
(11)
where the ambient temperature is 25
°C.
The method to improve the thermal transfer is to increase
the PCB copper area around the RT9619/A first. Then,
adding a ground pad under IC to transfer the heat to the
peripheral of the board.
Over-Voltage Protection Function at Power-On
An unique feature of the RT9619/A driver is the addition of
over-voltage protection in the event of upper MOSFET direct
shorted before power-on. The RT9619/Adetects the fault
condition during initial start-up, the internal power-on OVP
sense circuitry will rapidly drive the output lower MOSFET
on before the multi-phase PWM controller takes control.
Figure 5 shows the measured waveforms with the high
side MOSFET directly shorted to 12V.


Similar Part No. - RT9619

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9619A RICHTEK-RT9619A Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
More results

Similar Description - RT9619

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com