Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9605A Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9605A
Description  Triple-Channel Synchronous-Rectified Buck MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9605A Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9605A Datasheet HTML 1Page - Richtek Technology Corporation RT9605A Datasheet HTML 2Page - Richtek Technology Corporation RT9605A Datasheet HTML 3Page - Richtek Technology Corporation RT9605A Datasheet HTML 4Page - Richtek Technology Corporation RT9605A Datasheet HTML 5Page - Richtek Technology Corporation RT9605A Datasheet HTML 6Page - Richtek Technology Corporation RT9605A Datasheet HTML 7Page - Richtek Technology Corporation RT9605A Datasheet HTML 8Page - Richtek Technology Corporation RT9605A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT9605A
Preliminary
4
DS9605A-05 August 2007
www.richtek.com
All brandname or trademark belong to their owner respectively
Absolute Maximum Ratings
(Note 1)
Supply Voltage, PVCC ----------------------------------------------------------------------------------- 15V
Supply Voltage, VDD ------------------------------------------------------------------------------------- 7V
PHASE to GND
DC ------------------------------------------------------------------------------------------------------------
5V to 15V
< 200ns -----------------------------------------------------------------------------------------------------
10V to 30V
BOOT to PHASE ----------------------------------------------------------------------------------------- 15V
BOOT to GND
DC ------------------------------------------------------------------------------------------------------------
0.3V to VCC+15V
< 200ns -----------------------------------------------------------------------------------------------------
0.3V to 42V
PHASE to GND -------------------------------------------------------------------------------------------
4V to 15V
PWM Input Voltage -------------------------------------------------------------------------------------- GND - 0.3V to 7V
UGATE ------------------------------------------------------------------------------------------------------ VPHASE - 0.3V to VBOOT + 0.3V
LGATE ------------------------------------------------------------------------------------------------------ GND - 0.3V to VPVCC + 0.3V
Package Thermal Resistance (Note 4)
VQFN-24L 4x4,
θJA -------------------------------------------------------------------------------------- 67°C/W
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------- 260°C
Storage Temperature Range ---------------------------------------------------------------------------
40°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ----------------------------------------------------------------------------- 1kV
MM (Machine Mode) ------------------------------------------------------------------------------------- 100V
Electrical Characteristics
Recommended Operating Conditions
(Note 3)
Supply Voltage, VDD ------------------------------------------------------------------------------------- 12V ±10%
Ambient Temperature Range --------------------------------------------------------------------------- 0° C to 70° C
Junction Temperature Range --------------------------------------------------------------------------- 0° C to 125° C
(Recommended Operating Conditions, TA = 25
°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VDD Supply Current
Operation Current
IVDD
Frequency = 250kHz
--
--
10
mA
Power-On Reset
POR Threshold
PVCCRTH
PVCC Rising
6
6.5
7.5
V
Hysteresis
PVCCHYS
--
0.15
--
V
PWM Input
Input Current
IPWM
VPWM_IN = 0V or 5V
200
300
500
μA
Floating Voltage
VPWMFL
PVCC = 12V
1.8
2.2
2.6
V
VPWMRTH
PWM_IN Rising
3.3
3.7
4.3
V
PWM Threshold
VPWMFTH
PWM_IN Falling
1.0
1.38
1.5
V
To be continued


Similar Part No. - RT9605A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9605B RICHTEK-RT9605B Datasheet
269Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9605BGQV RICHTEK-RT9605BGQV Datasheet
224Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9605BPQV RICHTEK-RT9605BPQV Datasheet
224Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9605BZQV RICHTEK-RT9605BZQV Datasheet
224Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9605B RICHTEK-RT9605B_14 Datasheet
224Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
More results

Similar Description - RT9605A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9629A RICHTEK-RT9629A_15 Datasheet
191Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9605B RICHTEK-RT9605B Datasheet
269Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9605B RICHTEK-RT9605B_14 Datasheet
224Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9629A RICHTEK-RT9629A Datasheet
234Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629B RICHTEK-RT9629B Datasheet
220Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9629B RICHTEK-RT9629B_15 Datasheet
182Kb / 14P
   Triple-Channel Synchronous Rectified Buck MOSFET Driver
RT9628A RICHTEK-RT9628A Datasheet
171Kb / 12P
   High Voltage Synchronous Rectified Triple Channel Buck MOSFET Driver
logo
Renesas Technology Corp
RAA220001 RENESAS-RAA220001 Datasheet
267Kb / 15P
   Synchronous Rectified Buck MOSFET Driver
Jul.11.19
logo
Richtek Technology Corp...
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
   Synchronous-Rectified Buck MOSFET Driver
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com