Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY253 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BY253
Description  MEDIUM CURRENT PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BY253 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BY253 Datasheet HTML 1Page - Pan Jit International Inc. BY253 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-JAN.14.2004
MAXIMUM FORWARD VOLTAGE,VOLTS
TYPICAL FORWARD CHARACTERISTICS
RATING AND CHARACTERISTIC CURVES
AMBIENT TEMPERATURE, C
O
FORWARD DERATING CURVE
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
200
10
1.0
0.1
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0 .01
NUMBER OF CYCLES AT 60HZ
MAXIMUM OVEROLAD SUR
GE CURRENT
TYPICAL JUNCTION CAPACITANCE
100
10
10
1
.1
120
100
80
60
40
20
1
10
100
0
REVERSE VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
1.0
0.1
0.01
0
20
40
60
80
100
120
140
TYPICAL REVERSE CHARACTERISTICS
10
100
8.0
7.0
6.0
5.0
TA=AMBIENT TEMPERATURE 0.375"(9.5mm)
LEAD LENGTHTS P.C. BOARD MOUNTING
RESISTIVE OR INDUCTIVE LOAD
T =25 C
A
O
T =100 C
A
O
100
8.3ms Single Half Since-Wave
JEDEC Method


Similar Part No. - BY253

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY253 PANJIT-BY253 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
BY253 DIOTEC-BY253 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
BY253 DIOTEC-BY253 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
Pan Jit International I...
BY253 PANJIT-BY253 Datasheet
57Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
Transys Electronics
BY253 TRSYS-BY253 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
More results

Similar Description - BY253

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY251 PANJIT-BY251_09 Datasheet
57Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
Shenzhen Yixinwei Techn...
BY255 YIXIN-BY255 Datasheet
143Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
Transys Electronics
BY251 TRSYS-BY251 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
BY251 CHENG-YI-BY251 Datasheet
119Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
General Semiconductor
GI910 GE-GI910 Datasheet
44Kb / 2P
   MEDIUM-SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
GI910 VISHAY-GI910 Datasheet
71Kb / 4P
   Medium Switching Plastic Rectifier
Revision: 10-Nov-09
logo
Pan Jit International I...
BY251 PANJIT-BY251 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
ON Semiconductor
TRA3225 ONSEMI-TRA3225 Datasheet
71Kb / 8P
   Medium-Current Silicon Rectifier
October, 2000 ??Rev. 1
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520 Datasheet
192Kb / 2P
   MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
SB320 FS-SB320 Datasheet
536Kb / 2P
   MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com