Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9198A-49GU5R Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9198A-49GU5R
Description  300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9198A-49GU5R Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9198A-49GU5R Datasheet HTML 1Page - Richtek Technology Corporation RT9198A-49GU5R Datasheet HTML 2Page - Richtek Technology Corporation RT9198A-49GU5R Datasheet HTML 3Page - Richtek Technology Corporation RT9198A-49GU5R Datasheet HTML 4Page - Richtek Technology Corporation RT9198A-49GU5R Datasheet HTML 5Page - Richtek Technology Corporation RT9198A-49GU5R Datasheet HTML 6Page - Richtek Technology Corporation RT9198A-49GU5R Datasheet HTML 7Page - Richtek Technology Corporation RT9198A-49GU5R Datasheet HTML 8Page - Richtek Technology Corporation RT9198A-49GU5R Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT9198/A
5
DS9198/A-10 November 2006
www.richtek.com
Note 1.
Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precaution recommended.
Note 3.
The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective single layers thermal conductivity test board
of JEDEC 51-3 thermal measurement standard. The case point of
θJC is on the exposed pad for the package.
Note 5.
The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL)
− 100mV.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
f = 100Hz
--
−60
--
Power Supply
Rejection Rate f = 10kHz
PSRR
COUT = 1μF, IOUT = 100mA
--
−30
--
dB
Thermal Shutdown
Temperature
TSD
--
165
--
°C
Thermal Shutdown
Temperature Hysteresis
ΔTSD
--
30
--
°C


Similar Part No. - RT9198A-49GU5R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198A-49GU5R RICHTEK-RT9198A-49GU5R Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9198A-49GU5R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com