Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9602 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9602
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9602 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9602_07 Datasheet HTML 3Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 4Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 5Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 6Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 7Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 8Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 9Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 10Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RT9602
9
DS9602-08
March 2007
www.richtek.com
Figure 5. Power Dissipation vs. Frequency (RT9602)
Figure 6. Power Dissipatin vs. Frequency, PVCC = 5V
The method to improve the thermal transfer is to increase
the PCB copper area around the RT9602, first. Then, adding
a ground pad under IC to transfer the heat to the peripheral
of the board.
Power on Over-Voltage Protection Function
The RT9602 provides a protect function which can avoid
some short condition happened before power on.
The following discussion about the power on over-voltage
protection function of RT9602 is based on the experiments
of the high side MOSFET directly shorted to 12V. The test
circuit as shown in the typical application circuit (with
RT9241A/B dual-channel synchronous-rectified buck
controller) the VCC and the phase signals are measured
on the VCC pin and the phase pin of RT9602. The LGATE
signal is measured on the gate terminal of MOSEFET.
Figure 7 High Side Direct Short
Figure 8. High Side Direct Short
Time (50ms)
lLGATE >
VVcc >
PPEASE >
hrountCurrent >
Through
12V
Time (50ms)
VVcc >
PPEAS >
lLGATE >
lV
CORE
>
The operating junction temperature can be calculated from
the power dissipation curves (Figure 5 and Figure 6).
Assume the RT9602
s PVCC = VCC=12V, operating
frequency is 200kHz, and the CU=CL=1.5nF which emulate
the input capacitances of the high side and low side power
MOSFETs. From Figure 5, the power dissipation is 500mW.
In RT9602, the package thermal resistance
θJA is
127.67
°C/W, the operating junction temperature is
calculated as:
TJ = 127.67
°C/W x 500mW+ 25°C = 88.84°C
(11)
where the 25
°C is the ambient temperature.
Power Dissipation vs. Frequency
0
100
200
300
400
500
600
700
800
0
100
200
300
400
500
600
Frequency (kHz)
PVcc=Vcc=12V
CU=CL=1nF
CU=CL=2nF
CU=CL=3nF
CU=CL=4nF
CU=CL
=
5nF
Power Dissipation vs. Frequency
170
180
190
200
210
220
230
240
250
50
100
150
200
250
300
350
400
450
Frequency(kHz)
RT9809-20CV
CU=CL=2nF
CU=CL=3nF
CU=CL
=5nF
CU=CL=4nF
CU=CL=1nF


Similar Part No. - RT9602_07

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9602CS RICHTEK-RT9602CS Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
More results

Similar Description - RT9602_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Richtek Technology Corp...
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com