Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9602 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9602
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9602 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9602_07 Datasheet HTML 2Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 3Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 4Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 5Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 6Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 7Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 8Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 9Page - Richtek Technology Corporation RT9602_07 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RT9602
6
DS9602-08
March 2007
www.richtek.com
Application Information
The RT9602 has power on protection function which held
UGATE and LGATE low before VCC up cross the rising
threshold voltage. After the initialization, the PWM signal
takes the control. The rising PWM signal first forces the
LGATE signal turns low then UGATE signal is allowed to
go high just after a non-overlapping time to avoid shoot-
through current. The falling of PWM signal first forces
UGATE to go low. When UGATE and PHASE signal reach
a predetermined low level, LGATE signal is allowed to turn
high. The non-overlapping function is also presented
between UGATE and LGATE signal transient.
The PWM signal is recognized as high if above rising
threshold and as low if below falling threshold. Any signal
level in this window is considered as tri-state, which causes
turn-off of both high side and low-side MOSFET. When
PWM input is floating (not connected), internal divider will
pull the PWM to 1.9V to give the controller a recognizable
level. The maximum sink/source capability of internal PWM
reference is 60
μA.
The PVCC pin provides flexibility of both high side and low
side MOSFET gate drive voltages. If 8V, for example, is
applied to PVCC, then high side MOSFET gate drive is 8V
to 1.5V (approximately, internal diode plus series resistance
voltage drop). The low side gate drive voltage is exactly
8V.
The RT9602 implements a power on over-voltage protection
function. If the PHASE voltage exceeds 1.5V at power on,
the LGATE would be turn on to pull the PHASE low until
the PHASE voltage goes below 1.5V. Such function can
protect the CPU from damage by some short condition
happened before power on, which is sometimes
encountered in the M/B manufacturing line.
Driving power MOSFETs
The DC input impedance of the power MOSFET is
extremely high. When Vgs at 12V (or 5V), the gate draws
the current only few nanoamperes. Thus once the gate
has been driven up to
“ON”ON level, the current could be
negligible.
In Figure 1, the current Ig1 and Ig2 are required to move the
gate up to 12V.The operation consists of charging Cgd and
Cgs. Cgs1 and Cgs2 are the capacitances from gate to source
of the high side and the low side power MOSFETs,
respectively. In general data sheets, the Cgs is referred as
“C
iss” which is the input capacitance. Cgd1 and Cgd2 are
the capacitances from gate to drain of the high side and
the low side power MOSFETs, respectively and referred to
the data sheets as "Crss," the reverse transfer capacitance.
For example, tr1 and tr2 are the rising time of the high side
and the low side power MOSFETs respectively, the required
current Igs1 and Igs2, are showed below
Figure1. The gate driver must supply Igs to Cgs and Igd to Cgd
V
O
GND
L
d
2
s
2
C
gs2
g
2
I
g2
I
gd2
I
gs2
C
gd2
C
gs1
C
gd1
I
gd1
I
gs1
I
g1
D
2
s
1
d
1
D
1
g1
Vi
+12V
+12V
t
t
Vg2
Vg1
Vphase
However, the capacitance at the gate to source terminal
should be considered. It requires relatively large currents
to drive the gate up and down 12V (or 5V) rapidly. It also
required to switch drain current on and off with the required
speed. The required gate drive currents are calculated as
follows.


Similar Part No. - RT9602_07

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9602CS RICHTEK-RT9602CS Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
More results

Similar Description - RT9602_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Richtek Technology Corp...
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
   High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com