Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC849A Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # BC849A
Description  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC849A Datasheet(HTML) 5 Page - Pan Jit International Inc.

  BC849A Datasheet HTML 1Page - Pan Jit International Inc. BC849A Datasheet HTML 2Page - Pan Jit International Inc. BC849A Datasheet HTML 3Page - Pan Jit International Inc. BC849A Datasheet HTML 4Page - Pan Jit International Inc. BC849A Datasheet HTML 5Page - Pan Jit International Inc. BC849A Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PAGE . 5
REV.0-MAR.7.2005
ELECTRICAL CHARACTERISTICS CURVE (BAC847C,BC848C,BC849C,BC850C)
0
1
10
100
25
50
75
100
125
150
Junction Temperature, T
J (
OC)
V
CB=30V
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
1000
Collector Current, IC, (mA)
T
J=25 C
T
J=100˚ C
T
J=150˚ C
V
CE=5V
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
V
CE=5V
Fig. 1.
Typical ICB0 vs. Junction Temperature
10
100
1000
0.01
0.1
1
10
100
1000
Collector Current, I
C (m A)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
1
10
0.1
1
10
100
Reverse Voltage (V)
TJ = 25 ˚C
Cib (EB)
Cob (CB)
Fig. 3.
Typical VBE(ON) vs. Collector Current
Fig. 2.
Typical hFE vs. Collector Current
Fig. 4.
Typical VCE(SAT) vs. Collector Current
Fig. 5.
Typical VBE(SAT) vs. Collector Current
Fig. 6.
Typical Capacitances vs. Reverse Voltage
BC846,BC847,BC848,BC849,BC850 SERIES


Similar Part No. - BC849A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BC849A ZETEX-BC849A Datasheet
52Kb / 3P
   SOT23 NPN SILICON PLANAR
logo
Diotec Semiconductor
BC849A DIOTEC-BC849A Datasheet
144Kb / 2P
   SMD General Purpose NPN Transistors
logo
Motorola, Inc
BC849ALT1 MOTOROLA-BC849ALT1 Datasheet
220Kb / 6P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
logo
ON Semiconductor
BC849ALT1 ONSEMI-BC849ALT1 Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Fairchild Semiconductor
BC849AMTF FAIRCHILD-BC849AMTF Datasheet
149Kb / 5P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - BC849A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com