Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM600HA-5F Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM600HA-5F
Description  Trench Gate Design Single IGBTMOD??600 Amperes/250 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM600HA-5F Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM600HA-5F Datasheet HTML 1Page - Powerex Power Semiconductors CM600HA-5F Datasheet HTML 2Page - Powerex Power Semiconductors CM600HA-5F Datasheet HTML 3Page - Powerex Power Semiconductors CM600HA-5F Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
371
CM600HA-5F
Trench Gate Design Single IGBTMOD™
600 Amperes/250 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
012345
400
0
VGE = 15V
10
8
5.5
5.25
5.0
Tj = 25
oC
200
600
1200
1000
800
6
5.75
4.5
4.75
400
0
200
600
1200
1000
800
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
02468
10
VCE = 10V
Tj = 25°C
Tj = 125°C
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
0
400
600
1000
800
200
2.0
1.5
1.0
0.5
0
VGE = 15V
Tj = 25°C
Tj = 125°C
1200
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
5
0
5
10
15
4
3
2
1
0
Tj = 25°C
IC = 240A
IC = 1200A
IC = 600A
0.6
0.8
1.0
1.2
1.4
1.6
1.8
101
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
102
103
104
Tj = 25°C
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
10-1
100
102
100
101
102
103
VGE = 0V
f = 1MHz
101
Cies
Coes
Cres
COLLECTOR CURRENT, IC, (AMPERES)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
103
102
103
101
102
104
td(off)
td(on)
tr
VCC = 100V
VGE = ±10V
RG = 4.2Ω
Tj = 125°C
tf
EMITTER CURRENT, IE, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
101
102
103
102
101
trr
Irr
103
102
101
di/dt = -1200A/
µsec
Tj = 25°C
GATE CHARGE, QG, (µC)
GATE CHARGE, VGE
0123
20
15
10
5
0
45
VCC = 100V
VCC = 50V
IC = 600A


Similar Part No. - CM600HA-5F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM600HA-5F MITSUBISHI-CM600HA-5F Datasheet
45Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM600HA-5F MITSUBISHI-CM600HA-5F Datasheet
53Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM600HA-5F MITSUBISHI-CM600HA-5F_00 Datasheet
53Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM600HA-5F

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM600HU-12F POWEREX-CM600HU-12F Datasheet
101Kb / 4P
   Trench Gate Design Single IGBTMOD??600 Amperes/600 Volts
CM450HA-5F POWEREX-CM450HA-5F Datasheet
77Kb / 4P
   Trench Gate Design Single IGBTMOD??450 Amperes/250 Volts
CM600HU-24F POWEREX-CM600HU-24F Datasheet
98Kb / 4P
   Trench Gate Design Single IGBTMOD??600 Amperes/1200 Volts
CM200TU-5F POWEREX-CM200TU-5F Datasheet
73Kb / 4P
   Trench Gate Design Six IGBTMOD??200 Amperes/250 Volts
CM350DU-5F POWEREX-CM350DU-5F Datasheet
55Kb / 4P
   Trench Gate Design Dual IGBTMOD??350 Amperes/250 Volts
CM400DU-5F POWEREX-CM400DU-5F Datasheet
68Kb / 4P
   Trench Gate Design Dual IGBTMOD??400 Amperes/250 Volts
CM150TJ-12F POWEREX-CM150TJ-12F Datasheet
71Kb / 4P
   Trench Gate Design Six IGBTMOD??150 Amperes/600 Volts
CM100DU-12F POWEREX-CM100DU-12F Datasheet
115Kb / 4P
   Trench Gate Design Dual IGBTMOD??100 Amperes/600 Volts
CM100TU-12F POWEREX-CM100TU-12F Datasheet
137Kb / 4P
   Trench Gate Design Six IGBTMOD??100 Amperes/600 Volts
CM150DU-12F POWEREX-CM150DU-12F Datasheet
351Kb / 4P
   Trench Gate Design Dual IGBTMOD??150 Amperes/600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com