Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9261A-37PB Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9261A-37PB
Description  VFM Step-Up DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9261A-37PB Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9261A-37PB Datasheet HTML 4Page - Richtek Technology Corporation RT9261A-37PB Datasheet HTML 5Page - Richtek Technology Corporation RT9261A-37PB Datasheet HTML 6Page - Richtek Technology Corporation RT9261A-37PB Datasheet HTML 7Page - Richtek Technology Corporation RT9261A-37PB Datasheet HTML 8Page - Richtek Technology Corporation RT9261A-37PB Datasheet HTML 9Page - Richtek Technology Corporation RT9261A-37PB Datasheet HTML 10Page - Richtek Technology Corporation RT9261A-37PB Datasheet HTML 11Page - Richtek Technology Corporation RT9261A-37PB Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RT9261/A
Preliminary
10
DS9261/A-12 March 2007
www.richtek.com
Maximum Oscillator Frequency
vs. Temperature
0
20
40
60
80
100
120
140
160
-40
-20
0
2040
6080
Temperature
RT9261
VOUT = 2.7V
(°C)
Output Voltage vs. Output Current
0
0.5
1
1.5
2
2.5
3
0
30
60
90
120
150
Output Current (mA)
RT9261A
VOUT = 2.7V
2.5V
1.5V
1.0V
0.9V
2.0V
Oscillator Duty Cycle vs. Temperature
50
60
70
80
90
100
-40
-20
0
20
406080
Temperature
RT9261
VOUT = 2.7V
(°C)
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
030
60
90
120
150
Output Current (mA)
RT9261A
VOUT = 2.7V
2.5V
1.5V
1.0V
0.9V
2.0V
Start-up/Hold-on Voltage vs. Output Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
306090
120
150
Output Current (mA)
Vstart
Vhold
RT9261A
VOUT = 2.7V
Output Current vs. Ripple Voltage
0
20
40
60
80
100
120
0
30
60
90
120
150
Output Current (mA)
RT9261A
VOUT = 2.7V
2.5V
1.5V
0.9V
2.0V


Similar Part No. - RT9261A-37PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261A-37PB RICHTEK-RT9261A-37PB Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
More results

Similar Description - RT9261A-37PB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
RICOH electronics devic...
RN5RYXX1 RICOH-RN5RYXX1 Datasheet
434Kb / 12P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RY301 RICOH-RN5RY301 Datasheet
117Kb / 13P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com