Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS63LV1024L-8T Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS63LV1024L-8T
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS63LV1024L-8T Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS63LV1024L-8T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS63LV1024L-8T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS63LV1024L-8T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS63LV1024L-8T Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS63LV1024L-8T Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS63LV1024L-8T Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS63LV1024L-8T Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS63LV1024L-8T Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS63LV1024L-8T Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. I
1/26/07
IS63LV1024
IS63LV1024L
IS63LV1024 ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part No.
Package
8
IS63LV1024-8K
400-mil Plastic SOJ
IS63LV1024-8KL
400-mil Plastic SOJ, Lead-free
10
IS63LV1024-10T
TSOP (Type II)
IS63LV1024-10J
300-mil Plastic SOJ
IS63LV1024-10K
400-mil Plastic SOJ
12
IS63LV1024-12T
TSOP (Type II)
IS63LV1024-12J
300-mil Plastic SOJ
IS63LV1024-12KL
400-mil Plastic SOJ, Lead-free
Industrial Range: –40°C to +85°C
Speed(ns)
OrderPartNo.
Package
8
IS63LV1024-8KI
400-milPlasticSOJ
10
IS63LV1024-10KI
400-milPlasticSOJ
12
IS63LV1024-12TI
TSOP (Type II)


Similar Part No. - IS63LV1024L-8T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63LV1024L-8T ISSI-IS63LV1024L-8T Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024L-8TI ISSI-IS63LV1024L-8TI Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
More results

Similar Description - IS63LV1024L-8T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com