Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE555Y Datasheet(PDF) 10 Page - Texas Instruments

Part # NE555Y
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NE555Y Datasheet(HTML) 10 Page - Texas Instruments

Back Button NE555Y Datasheet HTML 6Page - Texas Instruments NE555Y Datasheet HTML 7Page - Texas Instruments NE555Y Datasheet HTML 8Page - Texas Instruments NE555Y Datasheet HTML 9Page - Texas Instruments NE555Y Datasheet HTML 10Page - Texas Instruments NE555Y Datasheet HTML 11Page - Texas Instruments NE555Y Datasheet HTML 12Page - Texas Instruments NE555Y Datasheet HTML 13Page - Texas Instruments NE555Y Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555, SA555, SE555, SE555C
PRECISION TIMERS
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
10
APPLICATION INFORMATION
astable operation
As shown in Figure 12, adding a second resistor, RB, to the circuit of Figure 9 and connecting the trigger input
to the threshold input causes the timer to self-trigger and run as a multivibrator. The capacitor C will charge
through RA and RB and then discharge through RB only. The duty cycle may be controlled, therefore, by the
values of RA and RB.
This astable connection results in capacitor C charging and discharging between the threshold-voltage level
(
≈0.67•VCC) and the trigger-voltage level (≈0.33•VCC). As in the monostable circuit, charge and discharge
times (and therefore the frequency and duty cycle) are independent of the supply voltage.
GND
OUT
VCC
CONT
RESET
DISCH
THRES
TRIG
C
RB
RA
Output
RL
0.01
µF
VCC
(5 V to 15 V)
(see Note A)
Time – 0.5 ms/div
t
H
Capacitor Voltage
Output Voltage
tL
RA = 5 k
RL = 1 kΩ
RB = 3 k
See Figure 12
C = 0.15
µF
NOTE A: Decoupling CONT voltage to ground with a
capacitor may improve operation. This should be
evaluated for individual applications.
Open
58
4
7
6
2
3
1
Pin numbrs shown are for the D, JG, and P packages.
Figure 12. Circuit for Astable Operation
Figure 13. Typical Astable Waveforms


Similar Part No. - NE555Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE555Y TI-NE555Y Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
NE555Y TI-NE555Y Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NE555Y TI-NE555Y Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
NE555Y TI1-NE555Y Datasheet
1Mb / 30P
[Old version datasheet]   Precision timing circuits capable of producing accurate time delays or oscillation
NE555Y TI1-NE555Y Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
More results

Similar Description - NE555Y

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
Zarlink Semiconductor I...
SL1640 ZARLINK-SL1640 Datasheet
80Kb / 6P
   THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
   Quad Integrated High-Side Switch Not Recommended for New Designs
MIC2526 MICREL-MIC2526 Datasheet
95Kb / 12P
   Dual USB Power Control Switch Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com