Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9169-15GX Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9169-15GX
Description  100mA, 4關A Quiescent Current CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169-15GX Datasheet(HTML) 8 Page - Richtek Technology Corporation

  RT9169-15GX Datasheet HTML 1Page - Richtek Technology Corporation RT9169-15GX Datasheet HTML 2Page - Richtek Technology Corporation RT9169-15GX Datasheet HTML 3Page - Richtek Technology Corporation RT9169-15GX Datasheet HTML 4Page - Richtek Technology Corporation RT9169-15GX Datasheet HTML 5Page - Richtek Technology Corporation RT9169-15GX Datasheet HTML 6Page - Richtek Technology Corporation RT9169-15GX Datasheet HTML 7Page - Richtek Technology Corporation RT9169-15GX Datasheet HTML 8Page - Richtek Technology Corporation RT9169-15GX Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RT9169/H
8
DS9169/H-12
March 2007
www.richtek.com
b
b1
b
H
A
B
D
C
e
e
C1
D1
A
3-Lead SOT-89 Surface Mount Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
1.397
1.600
0.055
0.063
b
0.356
0.483
0.014
0.019
B
2.388
2.591
0.094
0.102
b1
0.406
0.533
0.016
0.021
C
3.937
4.242
0.155
0.167
C1
0.787
1.194
0.031
0.047
D
4.394
4.597
0.173
0.181
D1
1.397
1.753
0.055
0.069
e
1.448
1.549
0.057
0.061
H
0.356
0.432
0.014
0.017


Similar Part No. - RT9169-15GX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169-15GX RICHTEK-RT9169-15GX Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
More results

Similar Description - RT9169-15GX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
301Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
E-Tech Electronics LTD
LR1101 ETL-LR1101 Datasheet
707Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Unisonic Technologies
LR1101 UTC-LR1101_11 Datasheet
313Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Eutech Microelectronics...
EUP7180 EUTECH-EUP7180 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
logo
Richtek Technology Corp...
RT9188 RICHTEK-RT9188 Datasheet
157Kb / 10P
   Dual, Ultra-Low Quiescent, 100mA CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com