Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9166A-13GL Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9166A-13GL
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166A-13GL Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9166A-13GL Datasheet HTML 1Page - Richtek Technology Corporation RT9166A-13GL Datasheet HTML 2Page - Richtek Technology Corporation RT9166A-13GL Datasheet HTML 3Page - Richtek Technology Corporation RT9166A-13GL Datasheet HTML 4Page - Richtek Technology Corporation RT9166A-13GL Datasheet HTML 5Page - Richtek Technology Corporation RT9166A-13GL Datasheet HTML 6Page - Richtek Technology Corporation RT9166A-13GL Datasheet HTML 7Page - Richtek Technology Corporation RT9166A-13GL Datasheet HTML 8Page - Richtek Technology Corporation RT9166A-13GL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT9166/A
3
DS9166/A-18 June 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage -------------------------------------------------------------------------------------------------- 6.5V
Power Dissipation, PD @ TA = 25°C
SOT-23-3 ---------------------------------------------------------------------------------------------------------------- 0.4W
SOT-89 ------------------------------------------------------------------------------------------------------------------- 0.571W
SOT-223 ----------------------------------------------------------------------------------------------------------------- 0.740W
TO-252 ------------------------------------------------------------------------------------------------------------------- 1.470W
Package Thermal Resistance (Note 4)
SOT-23-3,
θJA ----------------------------------------------------------------------------------------------------------- 250°C/W
SOT-89,
θJA ------------------------------------------------------------------------------------------------------------- 175°C/W
SOT-89,
θJC ------------------------------------------------------------------------------------------------------------- 58°C/W
SOT-223,
θJA------------------------------------------------------------------------------------------------------------ 135°C/W
SOT-223,
θJC ----------------------------------------------------------------------------------------------------------- 15°C/W
TO-252,
θJA ------------------------------------------------------------------------------------------------------------- 68°C/W
TO-252,
θJC ------------------------------------------------------------------------------------------------------------- 7°C/W
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range ---------------------------------------------------------------------------------------- – 65
°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
Recommended Operating Conditions
(Note 3)
Supply Input Voltage -------------------------------------------------------------------------------------------------- 2.8V to 5.5V
Junction Temperature Range ---------------------------------------------------------------------------------------- – 40°C to 125
°C
Ambient Temperature Range ---------------------------------------------------------------------------------------- – 40°C to 85
°C
(VIN = VOUT + 1V or VIN = 2.8V whichever is greater, CIN = 1
μF, COUT = 1μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
ΔVOUT
IOUT = 1mA
−1
--
+3
%
RT9166
300
--
--
Current Limit
RT9166A
ILIM
RLOAD = 1Ω
600
--
--
mA
Quiescent Current
(Note 6)
IQ
IOUT = 0mA
--
220
300
μA
RT9166
IOUT = 300mA
--
230
--
Dropout Voltage
(Note 7)
RT9166A
VDROP
IOUT = 600mA
--
580
--
mV
Line Regulation
ΔVLINE
VIN = (VOUT + 0.3V) to 5.5V,
IOUT = 1mA
--
0.2
--
%/V
RT9166
1mA
< IOUT < 300mA
--
15
35
Load Regulation
(Note 5)
RT9166A
ΔVLOAD
1mA
< IOUT < 600mA
--
30
55
mV
Power Supply Rejection Rate
PSRR
f = 1kHz, COUT = 1μF
--
−55
--
dB
Thermal Shutdown Temperature
TSD
--
170
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
40
--
°C


Similar Part No. - RT9166A-13GL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166A-13GL RICHTEK-RT9166A-13GL Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9166A-13GL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
   600mA, Ultra-Fast Transient Response Linear Regulator
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
   Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
   600mA Fast Response Linear Regulator
VER 1.1
logo
M.S. Kennedy Corporatio...
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com