Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM600HA-24H Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CM600HA-24H
Description  Single IGBTMOD 600 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM600HA-24H Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CM600HA-24H Datasheet HTML 1Page - Powerex Power Semiconductors CM600HA-24H Datasheet HTML 2Page - Powerex Power Semiconductors CM600HA-24H Datasheet HTML 3Page - Powerex Power Semiconductors CM600HA-24H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
193
Single IGBTMOD™
H-Series Module
600 Amperes/1200 Volts
CM600HA-24H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
4.33
110.0
B
3.15
80.0
C
3.66
±0.008
93.0
±0.25
D
2.44
±0.008
62.0
±0.25
E
1.57
40.0
F
1.42 Max.
36.0 Max.
G
1.14
29.0
H
1.00 Max.
25.5 Max.
J
0.96
25.0
K
0.94
24.5
L
0.83
21.0
M
0.71
18.0
Dimensions
Inches
Millimeters
N
0.69
17.5
P
0.61
15.5
Q
0.51
13.0
R
0.49
12.5
S
0.45
11.5
T
0.43
11.0
U
0.35
9.0
V
M8 Metric
M8
W
0.28
7.0
X
0.256 Dia.
Dia. 6.50
Y
M4 Metric
M4
Z
0.12
3.04
Description:
Powerex IGBTMOD™ Modules
are designed for use in switching
applications. Each module consists
of one IGBT Transistor in a single
configuration with a reverse-
connected super-fast recovery
free-wheel diode. All components
and interconnects are isolated
from the heat sinking baseplate,
offering simplified system assem-
bly and thermal management.
Features:
□ Low Drive Power
□ Low VCE(sat)
□ Discrete Super-Fast Recovery
(135ns) Free-Wheel Diode
□ High Frequency Operation
(20-25kHz)
□ Isolated Baseplate for Easy
Heat Sinking
Applications:
□ AC Motor Control
□ Motion/Servo Control
□ UPS
□ Welding Power Supplies
□ Laser Power Supplies
Ordering Information:
Example: Select the complete part
module number you desire from
the table below -i.e. CM600HA-24H
is a 1200V (VCES), 600 Ampere
Single IGBTMOD™ Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 50)
CM
600
24
W
H
K
F
S
J
J
Z
E
C
E
G
U
M
C
A
R
P
B
T
E
D
Q
L
G
N
Y - THD (2 TYP.)
V - THD
(2 TYP.)
X - DIA.
(4 TYP.)
E
E
C
G


Similar Part No. - CM600HA-24H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM600HA-24H MITSUBISHI-CM600HA-24H Datasheet
45Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM600HA-24H POWEREX-CM600HA-24H Datasheet
59Kb / 4P
   Single IGBTMOD H-Series Module 600 Amperes/1200 Volts
More results

Similar Description - CM600HA-24H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM600HU-24H POWEREX-CM600HU-24H Datasheet
57Kb / 4P
   Single IGBTMOD 600 Amperes/1200 Volts
CM600DU-24F POWEREX-CM600DU-24F Datasheet
65Kb / 4P
   Dual IGBTMOD 600 Amperes/1200 Volts
CM600DU-5F POWEREX-CM600DU-5F Datasheet
72Kb / 4P
   Dual IGBTMOD 600 Amperes/1200 Volts
CM600HA24H POWEREX-CM600HA24H Datasheet
59Kb / 4P
   Single IGBTMOD H-Series Module 600 Amperes/1200 Volts
CM600HA-24A POWEREX-CM600HA-24A Datasheet
238Kb / 4P
   Single IGBTMOD??A-Series Module 600 Amperes/1200 Volts
CM600HB-24A POWEREX-CM600HB-24A Datasheet
542Kb / 4P
   Single IGBTMOD A-Series Module 600 Amperes/1200 Volts
CM600HA-12H POWEREX-CM600HA-12H Datasheet
59Kb / 4P
   Single IGBTMOD 600 Amperes/600 Volts
CM600HU-24F POWEREX-CM600HU-24F Datasheet
98Kb / 4P
   Trench Gate Design Single IGBTMOD??600 Amperes/1200 Volts
QIS1260015 POWEREX-QIS1260015 Datasheet
600Kb / 5P
   Single IGBTMOD NX-Series Module 600 Amperes/1200 Volts
CM600HU-12H POWEREX-CM600HU-12H Datasheet
57Kb / 4P
   Single IGBTMOD 600 Amperes/600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com