Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9501A Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9501A
Description  Advanced Lithium-Ion Linear Battery Charger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9501A Datasheet(HTML) 7 Page - Richtek Technology Corporation

  RT9501A_07 Datasheet HTML 1Page - Richtek Technology Corporation RT9501A_07 Datasheet HTML 2Page - Richtek Technology Corporation RT9501A_07 Datasheet HTML 3Page - Richtek Technology Corporation RT9501A_07 Datasheet HTML 4Page - Richtek Technology Corporation RT9501A_07 Datasheet HTML 5Page - Richtek Technology Corporation RT9501A_07 Datasheet HTML 6Page - Richtek Technology Corporation RT9501A_07 Datasheet HTML 7Page - Richtek Technology Corporation RT9501A_07 Datasheet HTML 8Page - Richtek Technology Corporation RT9501A_07 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RT9501A/B
Preliminary
7
DS9501A/B-07 March 2007
www.richtek.com
Constant Voltage Regulation and Charge
Termination Mode
When the battery voltage reaches the regulation voltage
VO(REG), the constant voltage feedback control starts, and
then the charge current begins to decrease as the typical
charge profile shown. As the charge current decreases
to lower than charge terminated current threshold, the
RT9501 will terminate the charge cycle.
Recharge Mode
After the charge termination mode, if the battery voltage
falls to lower than the recharge threshold voltage VO(RCH),
the RT9501 will begin a new charge cycle according to
the battery voltage.
Battery Temperature Detection
The RT9501 continuously detects the battery temperature
by measuring the TS pin voltage. A NTC or PTC
thermistor can parallel with RT2 to deviate the TS pin
voltage. (As shown in Figure 5) The TS pin voltage must
be within normal temperature voltage range that is shown
in Figure 6 and electrical characteristics, and then RT9501
can start working normally.
The RT1 and RT2 can be derived from following equations.
For NTC Thermistors:
For PTC Thermistors:
Where RTL is the resistance value in lowest desired
operation temperature and RTH is the resistance value in
highest desired operation temperature. The resistances
of thermistors are specified by the thermistor
manufacturer. If the temperature monitoring function is
not desired, there's an easy method to set RT1 and RT2 at
the same value and disconnect the thermistor to disable
this function.
××
××
××
TH
TL
T1
TH
TL
TH
TL
T2
TH
TL
5R
R
R=
3(R
- R )
5R
R
R=
[(2 R )-(7 R )]
FB/CE Pin Functions
This pin has two functions, one is to enable/disable the
charge function, and the other is to finely adjust battery
regulation voltage. Connect this pin to VDD to enable
RT9501, and connect to ground to disable it (Figure 7). If
this pin is connected to a voltage divider as shown in
Figure 8, it can be a 2.1V reference voltage to adjust the
output regulation voltage as desired.
VDD
GND
V
TS1
V
TS2
Temperature Fault Range
Normal Temperature Range
Temperature Fault Range
Figure 6
××
×
TH
TL
T1
TL
TH
5R
R
R=
3(R - R )
××
××
TH
TL
T2
TL
TH
5R
R
R=
[(2 R )-(7 R )]
Figure 5
FB/CE
BATT
TS
STAT
CC
CS
VDD
GND
Q1
R
CS
R
T1
R
T2
V
IN
+
Thermistor
Battery
Pack
C2
R4
Figure 7. For CE pin Function
CE
BATT
TS
STAT
CC
CS
VDD
GND
Q1
V
IN
Battery
R
CS
GPIO
R
CE
R4


Similar Part No. - RT9501A_07

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9501ACF RICHTEK-RT9501ACF Datasheet
205Kb / 9P
   Advanced Lithium-lon Linear Battery Charger
RT9501APF RICHTEK-RT9501APF Datasheet
205Kb / 9P
   Advanced Lithium-lon Linear Battery Charger
More results

Similar Description - RT9501A_07

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
   Linear Lithium-ion Battery Charger
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
logo
Shenzhen Huazhimei Semi...
HM4051ADR HMSEMI-HM4051ADR Datasheet
1Mb / 13P
   1A Lithium Ion Battery Linear Charger
HM4057F HMSEMI-HM4057F Datasheet
1Mb / 8P
   500mA linear lithium ion battery charger
logo
Guangdong Youtai Semico...
TP4057 UMW-TP4057 Datasheet
618Kb / 8P
   500mA linear lithium-ion battery charger
logo
Linear Technology
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com