Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9287A-FQGQW Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9287A-FQGQW
Description  Boost Converter for WLED Power with Dual LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9287A-FQGQW Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9287A-FQGQW Datasheet HTML 1Page - Richtek Technology Corporation RT9287A-FQGQW Datasheet HTML 2Page - Richtek Technology Corporation RT9287A-FQGQW Datasheet HTML 3Page - Richtek Technology Corporation RT9287A-FQGQW Datasheet HTML 4Page - Richtek Technology Corporation RT9287A-FQGQW Datasheet HTML 5Page - Richtek Technology Corporation RT9287A-FQGQW Datasheet HTML 6Page - Richtek Technology Corporation RT9287A-FQGQW Datasheet HTML 7Page - Richtek Technology Corporation RT9287A-FQGQW Datasheet HTML 8Page - Richtek Technology Corporation RT9287A-FQGQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9287A
Preliminary
4
DS9287A-00 July 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN, VDD -----------------------------------------------------------------------------------------
−0.3V to 6V
LX Input Voltage -----------------------------------------------------------------------------------------------------------
−0.3V to 22V
Output Voltage, VOUT -----------------------------------------------------------------------------------------------------
−0.3V to 21V
The Other Pins -------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WDFN-12L 3x3 ------------------------------------------------------------------------------------------------------------- 0.606W
Package Thermal Resistance (Note 4)
WDFN-12L 3x3,
θJA ------------------------------------------------------------------------------------------------------- 165°C/W
WDFN-12L 3x3,
θJC ------------------------------------------------------------------------------------------------------- 8.2°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
(Note 3)
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
To be continued
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Boost
System Supply Input
Operation voltage Range
VDD
2.7
--
5.5
V
Under Voltage Lock Out
VUVLO
1.7
2
2.3
V
Quiescent Current
IQ
VFB = 1.5V, No switch
--
300
450
μA
Supply Current
IIN
VFB = 0V, Switch
--
--
2
mA
Shutdown Current
ISHDN
VENB < 0.4V
--
2
5
μA
Line Regulation
VDD2 = 3V to 4.3V
--
--
3
%
Oscillator
Operation Frequency
fOSC
--
1
--
MHz
Maximum Duty Cycle
85
90
--
%
Reference Voltage
Feedback Reference Voltage
VREF
0.237
0.25
0.263
V
Diode
Forward Voltage
VFW
IFW = 100mA
--
0.9
--
V
(VDD = 3.7V, FREQ left floating, VIN = VOUT + 1V, VEN = VIN, CIN = COUT = 1
μA, TA = 25°C, unless otherwise specified)


Similar Part No. - RT9287A-FQGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9287 RICHTEK-RT9287 Datasheet
372Kb / 13P
   Boost Converter for OLED Power with Dual LDO
RT9287-MGGQW RICHTEK-RT9287-MGGQW Datasheet
372Kb / 13P
   Boost Converter for OLED Power with Dual LDO
RT9287-MGPQW RICHTEK-RT9287-MGPQW Datasheet
372Kb / 13P
   Boost Converter for OLED Power with Dual LDO
More results

Similar Description - RT9287A-FQGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9287 RICHTEK-RT9287 Datasheet
372Kb / 13P
   Boost Converter for OLED Power with Dual LDO
logo
Silicon Mitus, Inc.
SM1202 SILICONMITUS-SM1202 Datasheet
329Kb / 1P
   PWM Controller for Dual Boost Converter with LDO
Februay 2018 - Rev. 0.0.0
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
Silicon Mitus, Inc.
SM1201 SILICONMITUS-SM1201 Datasheet
327Kb / 1P
   PWM Controller for Boost Converter with LDO
Februay 2018 -Rev. 0.0.0
logo
IXYS Corporation
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
   184 WLED Matrix Driver with Boost Converter
logo
Eutech Microelectronics...
EUP2538 EUTECH-EUP2538 Datasheet
264Kb / 11P
   10X2 Strings WLED Boost Converter
logo
Silicon Mitus, Inc.
SM1203 SILICONMITUS-SM1203 Datasheet
331Kb / 1P
   PWM Controller for High Switching Frequency Dual Boost Converter with LDO
Februay 2018-Rev. 0.0.0
logo
Global Mixed-mode Techn...
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com