Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9284B20GJ5 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9284B20GJ5
Description  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284B20GJ5 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9284B20GJ5 Datasheet HTML 6Page - Richtek Technology Corporation RT9284B20GJ5 Datasheet HTML 7Page - Richtek Technology Corporation RT9284B20GJ5 Datasheet HTML 8Page - Richtek Technology Corporation RT9284B20GJ5 Datasheet HTML 9Page - Richtek Technology Corporation RT9284B20GJ5 Datasheet HTML 10Page - Richtek Technology Corporation RT9284B20GJ5 Datasheet HTML 11Page - Richtek Technology Corporation RT9284B20GJ5 Datasheet HTML 12Page - Richtek Technology Corporation RT9284B20GJ5 Datasheet HTML 13Page - Richtek Technology Corporation RT9284B20GJ5 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
RT9284A/B
DS9284A/B-05 August 2007
www.richtek.com
Figure 7. Filtered PWM Signal for LED Dimming Control
of RT9284A
0
2
4
6
8
10
12
14
16
18
20
0
1020
3040
50
6070
8090
100
PWM Duty (%)
Figure 8
Inductor Selection
The recommended value of inductor for 3 to 5 WLEDs
applications are 4.7 to 22
μH. Small size and better
efficiency are the major concerns for portable device, such
as RT9284A/B used for mobile phone. The inductor should
have low core loss at 1.2MHz and low DCR for better
efficiency. To avoid inductor saturation current rating should
be considered.
)
I
(I
(RMS)
I
PEAK
OUT
D
×
Capacitor Selection
Input and output ceramic capacitors of 1
μF are
recommended for RT9284A/B applications. For better
voltage filtering, ceramic capacitors with low ESR are
recommended. X5R and X7R types are suitable because
of their wider voltage and temperature ranges.
Diode Selection
Schottky diode is a good choice for RT9284A/B because
of its low forward voltage drop and fast reverse recovery.
Using Schottky diode can get better efficiency. The high-
speed rectification is also a good characteristic of
Schottky diode for high switching frequency. Current rating
of the diode must meet the root mean square of the peak
current and output average current multiplication as
following :
The diode
’ s reverse breakdown voltage should be larger
than the output voltage. SS0520 is recommended Schottky
diode for rectifier.
Layout Guide
A full GND plane without gap break.
VCC to GND noise bypass
–Short and wide connection
for the 1
μF MLCC capacitor between Pin6 and Pin2.
Minimized LX node copper area to reduce EMI.
Minimized FB node copper area and keep far away from
noise sources.
Figure 9. Top Layer
The LED current can be calculated by the following
equation.
PWM
FB
FB
DC
LED
R2 (V
Duty
V
)
V
R3 + R
I
=
R1
××
VDD
GND
LX
FB
OVP
RT9284A
VIN
EN
6
4
2
3
5
1
ILED
2.7V to 5.5V
C1
C2
R1
D1
SS0520
L1
4.7uH to 22uH
R2
PWM Signal
R3
110
10k
10k
2.8V
0V
RDC
3k
CDC
1uF
VEN > 1.5V
VEN < 0.4V


Similar Part No. - RT9284B20GJ5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9284BPB RICHTEK-RT9284BPB Datasheet
259Kb / 14P
   Maximum Output Voltage up to 20V, Dimming with Zero-inrush and Wide Frequency Range of 100 to 100kHz
More results

Similar Description - RT9284B20GJ5

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
   Tiny Package, High Performance, Constant Current Switching Regulator
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
   High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
Feeling Technology Corp...
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
   Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
   High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
274Kb / 10P
   Tiny Package, High Efficiency, Constant Current LED Driver
RT9269 RICHTEK-RT9269_07 Datasheet
191Kb / 9P
   Tiny Package, High Efficiency, Constant Current LED Driver
logo
Feeling Technology Corp...
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
   28V, 3A Buck Constant Current Switching Regulator for White LED
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
   28V, 2A Buck Constant Current Switching Regulator for White LED
logo
Richtek Technology Corp...
RT9285C RICHTEK-RT9285C Datasheet
198Kb / 13P
   Tiny Package, High Performance, Diode Embedded White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com