Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9284B15GJ5 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9284B15GJ5
Description  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284B15GJ5 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9284B15GJ5 Datasheet HTML 1Page - Richtek Technology Corporation RT9284B15GJ5 Datasheet HTML 2Page - Richtek Technology Corporation RT9284B15GJ5 Datasheet HTML 3Page - Richtek Technology Corporation RT9284B15GJ5 Datasheet HTML 4Page - Richtek Technology Corporation RT9284B15GJ5 Datasheet HTML 5Page - Richtek Technology Corporation RT9284B15GJ5 Datasheet HTML 6Page - Richtek Technology Corporation RT9284B15GJ5 Datasheet HTML 7Page - Richtek Technology Corporation RT9284B15GJ5 Datasheet HTML 8Page - Richtek Technology Corporation RT9284B15GJ5 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
RT9284A/B
www.richtek.com
DS9284A/B-05 August 2007
Typical Application Circuit
Figure 1. Application for Driving 3 Series WLEDs
Figure 2. Application for Driving 4 Series WLEDs
Figure 4. Application for Constant Output Voltage
VDD
GND
LX
FB
OVP
RT9284
V
IN
EN
6
4
2
3
5
1
I
LED
+
Dimming
Control
2.7V to 5.5V
C1
1uF
C2
1uF/16V
R1
D1
SS0520
L1
4.7uH to 22uH
100Hz-100kHz
OVP
15V
Figure 3. Application for Driving 5 Series WLEDs
VDD
GND
LX
FB
OVP
RT9284A
V
IN
EN
6
4
2
3
5
1
+
2.7V to 5.5V
C1
1uF
C2
R2
D1
SS0520
L1
4.7uH to 22uH
R1
130k
15k
V
OUT
12V
OVP
15V
1uF/16V
V
FB = 1.235V
VDD
GND
LX
FB
OVP
RT9284
V
IN
EN
6
4
2
3
5
1
I
LED
+
Dimming
Control
2.7V to 5.5V
C1
1uF
C2
R1
D1
SS0520
L1
4.7uH to 22uH
100Hz-100kHz
1uF/25V
OVP
18V
OVP 15V
R2
600k
VDD
GND
LX
FB
OVP
RT9284B
V
IN
EN
6
4
2
3
5
1
I
LED
+
Dimming
Control
2.7V to 5.5V
C1
1uF
C2
1uF/25V
R1
D1
SS0520
L1
4.7uH to 22uH
100Hz-100kHz
OVP
20V
V
FB
= 0.25V


Similar Part No. - RT9284B15GJ5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9284BPB RICHTEK-RT9284BPB Datasheet
259Kb / 14P
   Maximum Output Voltage up to 20V, Dimming with Zero-inrush and Wide Frequency Range of 100 to 100kHz
More results

Similar Description - RT9284B15GJ5

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
   Tiny Package, High Performance, Constant Current Switching Regulator
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
   High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
Feeling Technology Corp...
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
   Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
   High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
274Kb / 10P
   Tiny Package, High Efficiency, Constant Current LED Driver
RT9269 RICHTEK-RT9269_07 Datasheet
191Kb / 9P
   Tiny Package, High Efficiency, Constant Current LED Driver
logo
Feeling Technology Corp...
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
   28V, 3A Buck Constant Current Switching Regulator for White LED
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
   28V, 2A Buck Constant Current Switching Regulator for White LED
logo
Richtek Technology Corp...
RT9285C RICHTEK-RT9285C Datasheet
198Kb / 13P
   Tiny Package, High Performance, Diode Embedded White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com