Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9183H-33PM5 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9183H-33PM5
Description  Ultra Low Dropout 1.5A Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9183H-33PM5 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9183H-33PM5 Datasheet HTML 1Page - Richtek Technology Corporation RT9183H-33PM5 Datasheet HTML 2Page - Richtek Technology Corporation RT9183H-33PM5 Datasheet HTML 3Page - Richtek Technology Corporation RT9183H-33PM5 Datasheet HTML 4Page - Richtek Technology Corporation RT9183H-33PM5 Datasheet HTML 5Page - Richtek Technology Corporation RT9183H-33PM5 Datasheet HTML 6Page - Richtek Technology Corporation RT9183H-33PM5 Datasheet HTML 7Page - Richtek Technology Corporation RT9183H-33PM5 Datasheet HTML 8Page - Richtek Technology Corporation RT9183H-33PM5 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT9183
1
DS9183-12
March 2007
www.richtek.com
Ultra Low Dropout 1.5A Linear Regulator
General Description
The RT9183 series are high performance linear voltage
regulators that provide ultra low-dropout voltage, high output
current with low ground current. It operates from an input
of 2.3V to 5.5V and provides output current up to 1.5A
thus is suitable to drive digital circuits requiring low voltage
at high currents.
The RT9183 has superior regulation over variations in line
and load. Also it provides fast respond to step changes in
load. Other features include over-current and over-
temperature protection. The adjustable version has enable
pin to reduce power consumption in shutdown mode.
The devices are available in fixed output voltages of 1.2V,
1.8V, 2.5V, 3.3V and as an adjustable device with a 0.8V
reference voltage. The RT9183 regulators are available in
3-lead SOT-223 and TO-263 packages (fixed output only
for the 3-lead option). Also available are 5-lead TO-263
and fused SOP-8 packages with two external resistors to
set the output voltage ranges from 0.8V to 4.5V.
Ordering Information
Features
330mV Dropout @ 1.5A
380
μμμμμA Low Ground Pin Current
Excellent Line and Load Regulation
0.1
μμμμμA Quiescent Current in Shutdown Mode
Guaranteed 1.5A Output Current
Fixed Output Voltages : 1.2V, 1.8V, 2.5V, 3.3V
Adjustable Output Voltage from 0.8V to 4.5V
Over-Temperature/Over-Current Protection
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Battery-Powered Equipment
Mother Board/Graphic Card
Peripheral Cards
PCMCIA Card
Pin Configurations
(TOP VIEW)
SOP-8
2
3
4
5
8
7
6
GND
EN
VIN
VOUT
ADJ
GND
GND
GND
23
1
GND
VOUT
(TAB)
VIN
SOT-223 (F-Type)
SOT-223
23
1
VIN
GND
(TAB)
VOUT
TO-263
23
1
VIN
GND(TAB)
VOUT
TO-263-5
4
23
5
1
EN
GND(TAB)
VIN
VOUT ADJ
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9183
Package Type
G : SOT-223
GF : SOT-223 (F-Type)
S : SOP-8
M : TO-263
M5 : TO-263-5
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
Defauit : Adjustable
12 : 1.2V
18 : 1.8V
25 : 2.5V
33 : 3.3V
-
H : Chip Enable High
L : Chip Enable Low


Similar Part No. - RT9183H-33PM5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9183H-33CG RICHTEK-RT9183H-33CG Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-33CM RICHTEK-RT9183H-33CM Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-33CM5 RICHTEK-RT9183H-33CM5 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-33CS RICHTEK-RT9183H-33CS Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
More results

Similar Description - RT9183H-33PM5

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com