Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9284A15PJ5 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9284A15PJ5
Description  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284A15PJ5 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9284A15PJ5 Datasheet HTML 6Page - Richtek Technology Corporation RT9284A15PJ5 Datasheet HTML 7Page - Richtek Technology Corporation RT9284A15PJ5 Datasheet HTML 8Page - Richtek Technology Corporation RT9284A15PJ5 Datasheet HTML 9Page - Richtek Technology Corporation RT9284A15PJ5 Datasheet HTML 10Page - Richtek Technology Corporation RT9284A15PJ5 Datasheet HTML 11Page - Richtek Technology Corporation RT9284A15PJ5 Datasheet HTML 12Page - Richtek Technology Corporation RT9284A15PJ5 Datasheet HTML 13Page - Richtek Technology Corporation RT9284A15PJ5 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
RT9284A/B
www.richtek.com
DS9284A/B-05 August 2007
Application Information
Power Sequence
The RT9284A/B must take notice of the power sequence.
The power sequence of RT9284A/B has to VDD early than
EN or else the RT9284A/B maybe fall into the unknown
state to result in RT9284A/B turn off.
Dimming Control
a. Using a PWM Signal to EN Pin
For controlling the LED brightness, the RT9284A/B can
perform the dimming control by applying a PWM signal
to EN pin. The internal soft start and the wide range
dimming frequency from100 to100kHz can eliminate inrush
current and audio noise when dimming. The average LED
current is proportional to the PWM signal duty cycle. The
magnitude of the PWM signal should be higher than the
maximum enable voltage of EN pin, in order to let the
dimming control perform correctly.
Version
Feedback Reference
Voltage VFB (V)
LED Current
Setting ILED (A)
RT9284A
1.235
ILED = 1.235/R1
RT9284B
0.25
ILED = 0.25/R1
Table 1
Figure 6. Dimming Control Using a DC Voltage for
RT9284A
LED Current Control
The RT9284A/B regulates the LED current by setting the
current sense resistor (R1) connecting to feedback and
ground. As shown in Table 1, the RT9284A feedback
voltage (VFB) is 1.235V and the RT9284B feedback voltage
(VFB) is 0.25V. The LED current (ILED) can be set by a
resistor R1. In order to have an accurate LED current, a
precision resistor is preferred (1% is recommended).
EN < 0.4V
EN > 1.5V
VDD > 2.7V
VDD
EN
VOUT
Figure 5
b. Using a DC Voltage
Using a variable DC voltage to adjust the brightness is a
popular method in some applications. The dimming control
using a DC voltage circuit is shown in Figure 6. According
to the Superposition Theorem, as the DC voltage
increases, the voltage contributed to VFB increases and
the voltage drop on R2 decreases, i.e. the LED current
decreases. For example, if the VDC range is from 0V to
2.8V, the selection of resistors in Figure 6 sets dimming
control of LED current from 20mA to 0mA.
VDD
GND
LX
FB
OVP
RT9284A
VIN
EN
6
4
2
3
5
1
ILED
2.7V to 5.5V
C1
C2
R1
D1
SS0520
L1
4.7uH to 22uH
R2
VDC Dimming
0V to 2.8V
R3
110
10k
13k
VEN > 1.5V
VEN < 0.4V
c. Using a Filtered PWM signal:
Another common application is using a filtered PWM
signal as an adjustable DC voltage for LED dimming control.
A filtered PWM signal acts as the DC voltage to regulate
the output current. The recommended application circuit
is shown in the Figure 7. In this circuit, the output ripple
depends on the frequency of PWM signal. For smaller
output voltage ripple (<100mV), the recommended
frequency of 2.8V PWM signal should be above 2kHz. To
fix the frequency of PWM signal and change the duty
cycle of PWM signal can get different output current.
Figure 8. shows the relationship between LED current and
PWM duty cycle.
The LED current can be calculated by the following
equation.
DC
FB
FB
LED
R2 (V
V
)
V
R3
I
=
R1
×−


Similar Part No. - RT9284A15PJ5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9284A-20GJ6E RICHTEK-RT9284A-20GJ6E Datasheet
259Kb / 14P
   Maximum Output Voltage up to 20V, Dimming with Zero-inrush and Wide Frequency Range of 100 to 100kHz
RT9284APB RICHTEK-RT9284APB Datasheet
259Kb / 14P
   Maximum Output Voltage up to 20V, Dimming with Zero-inrush and Wide Frequency Range of 100 to 100kHz
More results

Similar Description - RT9284A15PJ5

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
   Tiny Package, High Performance, Constant Current Switching Regulator
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
   High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
Feeling Technology Corp...
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
   Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
   High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
274Kb / 10P
   Tiny Package, High Efficiency, Constant Current LED Driver
RT9269 RICHTEK-RT9269_07 Datasheet
191Kb / 9P
   Tiny Package, High Efficiency, Constant Current LED Driver
logo
Feeling Technology Corp...
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
   28V, 3A Buck Constant Current Switching Regulator for White LED
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
   28V, 2A Buck Constant Current Switching Regulator for White LED
logo
Richtek Technology Corp...
RT9285C RICHTEK-RT9285C Datasheet
198Kb / 13P
   Tiny Package, High Performance, Diode Embedded White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com