Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9278PQV Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9278PQV
Description  High Efficiency Boost LDO Converter & High Power White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9278PQV Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9278PQV Datasheet HTML 5Page - Richtek Technology Corporation RT9278PQV Datasheet HTML 6Page - Richtek Technology Corporation RT9278PQV Datasheet HTML 7Page - Richtek Technology Corporation RT9278PQV Datasheet HTML 8Page - Richtek Technology Corporation RT9278PQV Datasheet HTML 9Page - Richtek Technology Corporation RT9278PQV Datasheet HTML 10Page - Richtek Technology Corporation RT9278PQV Datasheet HTML 11Page - Richtek Technology Corporation RT9278PQV Datasheet HTML 12Page - Richtek Technology Corporation RT9278PQV Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT9278
Preliminary
9
DS9278-04 August 2007
www.richtek.com
Typical Operating Characteristics
Reference Voltage vs. Temperature
0.796
0.797
0.798
0.799
0.8
0.801
0.802
0.803
0.804
-40 -20
0
20
40
60
80 100 120 140 160 180
Temperature (
°C)
VDD = 3.3V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Output Current (mA)
VIN = 4.5V
VIN = 4.0V
VIN = 3.5V
VIN = 3.0V
VIN = 2.5V
VIN = 2.0V
VIN = 1.5V
VOUT = 5.0V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Output Current (mA)
VIN = 3.0V
VIN = 2.5V
VIN = 2.0V
VIN = 1.5V
VOUT = 3.3V
Frequency vs. Temperature
580
600
620
640
660
680
700
-40 -20
0
20
40
60
80 100 120 140 160 180
Temperature (
°C)
VDD = 3.3V
Input Voltage vs. Output Voltage
4.850
4.900
4.950
5.000
5.050
5.100
5.150
1.6
1.925
2.25 2.575
2.9
3.225 3.55 3.875
4.2
Input Voltage (V)
VOUT = 5.0V
1.93
2.58
3.23
3.88
Input Voltage vs. Output Voltage
3.200
3.225
3.250
3.275
3.300
3.325
3.350
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Input Voltage (V)
VOUT = 3.3V


Similar Part No. - RT9278PQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9270 RICHTEK-RT9270 Datasheet
290Kb / 13P
   High Performance, Low Noise Boost Converter
RT9270GF RICHTEK-RT9270GF Datasheet
290Kb / 13P
   High Performance, Low Noise Boost Converter
RT9270PF RICHTEK-RT9270PF Datasheet
290Kb / 13P
   High Performance, Low Noise Boost Converter
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
RT9271GB RICHTEK-RT9271GB Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
More results

Similar Description - RT9278PQV

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9284 HMSEMI-HM9284 Datasheet
1Mb / 9P
   1.2MHz, High Efficiency Boost White LED Driver
logo
Power IC Ltd.
PS1313 PICSEMI-PS1313 Datasheet
171Kb / 9P
   High Efficiency, High Power White-LED Driver
logo
National Semiconductor ...
LM3509 NSC-LM3509_08 Datasheet
1Mb / 24P
   High Efficiency Boost for White LED
logo
Texas Instruments
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
   High power buck-boost white LED driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com