Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9270GF Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9270GF
Description  High Performance, Low Noise Boost Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9270GF Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9270GF Datasheet HTML 4Page - Richtek Technology Corporation RT9270GF Datasheet HTML 5Page - Richtek Technology Corporation RT9270GF Datasheet HTML 6Page - Richtek Technology Corporation RT9270GF Datasheet HTML 7Page - Richtek Technology Corporation RT9270GF Datasheet HTML 8Page - Richtek Technology Corporation RT9270GF Datasheet HTML 9Page - Richtek Technology Corporation RT9270GF Datasheet HTML 10Page - Richtek Technology Corporation RT9270GF Datasheet HTML 11Page - Richtek Technology Corporation RT9270GF Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RT9270
Preliminary
8
DS9270-09 March 2007
www.richtek.com
Load
Current
(200mA/Div)
Output
Voltage
AC-Coupled
(200mV/Div)
Load-Transient Response
Time (100us/Div)
Inductor
Current
(1A/Div)
VIN = 3.3V, VOUT = 12V
fOSC = 670kHz, L = 4.7uH, COUT = 33uF+0.1uF
R3 = 47k
Ω
C3 = 1000pF
C4 = 22pF
Output
Voltage
AC-Coupled
(200mA/Div)
Load-Transient Response
Time (100us/Div)
Load
Current
(500mA/Div)
Inductor
Current
(1A/Div)
fOSC = 670kHz, L = 4.7uH ,COUT = 47uF+0.1uF
R3 = 22k
Ω
C3 = 820pF
C4 = 56pF
VIN = 3.3V, VOUT = 7.2V
Output
Voltage
(5V/Div)
Startup Waveform Without Soft-Start
Time (200us/Div)
Inductor
Current
(1A/Div)
fOSC = 670kHz, NO Soft-Start Capacitor
VIN= 3.3V, VOUT= 12V, IOUT= 10mA
EN
(2V/Div)
Output
Voltage
(5V/Div)
EN
(2V/Div)
Startup Waveform With Soft-Start
Time (1ms/Div)
Inductor
Current
(500mA/Div) fOSC = 670kHz, CSS = 0.027uF
VIN = 3.3V, VOUT= 12V, IOUT= 10mA
Time (1ms/Div)
Output
Voltage
(5V/Div)
Inductor
Current
(500mA/Div)
fOSC = 670kHz, CSS = 0.027uF
VIN = 3.3V, VOUT= 12V, IOUT= 100mA
EN
(2V/Div)
Startup Waveform With Soft-Start
Switching Waveform
Time (400ns/Div)
Output
Voltage
AC-Coupled
(200mV/Div)
Inductor
Current
(1A/Div)
fOSC = 670kHz, L = 10uH, COUT = 33uF+0.1uF
VIN = 3.3V, VOUT= 12V, IOUT= 200mA
LX Switching
Waveform
(5V/Div)


Similar Part No. - RT9270GF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
RT9271GB RICHTEK-RT9271GB Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
RT9271GE RICHTEK-RT9271GE Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
RT9271PB RICHTEK-RT9271PB Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
RT9271PE RICHTEK-RT9271PE Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
More results

Similar Description - RT9270GF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9277A RICHTEK-RT9277A Datasheet
218Kb / 12P
   High Performance, Low Noise Boost Converter
logo
Analog Devices
LT3154 AD-LT3154 Datasheet
3Mb / 32P
   6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
logo
Fitipower Integrated Te...
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
   Low-Noise Boost DC-DC Converter
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
   Low-Noise Boost DC-DC Converter
logo
ACE Technology Co., LTD...
ACE701C ACE-ACE701C Datasheet
465Kb / 10P
   High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
logo
ams AG
AS1301 AMSCO-AS1301_1 Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
AS1301 AMSCO-AS1301 Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
   1.2MHz,30V/1A High Performance, Boost Converter
logo
Lowpower Semiconductor ...
LP6230C POWER-LP6230C Datasheet
982Kb / 7P
   1.0MHz,24V/2.0A High Performance, Boost Converter
LP3318 POWER-LP3318 Datasheet
353Kb / 6P
   1MHz,36V/1.5A High Performance, Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com