Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9270 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9270
Description  High Performance, Low Noise Boost Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9270 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9270 Datasheet HTML 5Page - Richtek Technology Corporation RT9270 Datasheet HTML 6Page - Richtek Technology Corporation RT9270 Datasheet HTML 7Page - Richtek Technology Corporation RT9270 Datasheet HTML 8Page - Richtek Technology Corporation RT9270 Datasheet HTML 9Page - Richtek Technology Corporation RT9270 Datasheet HTML 10Page - Richtek Technology Corporation RT9270 Datasheet HTML 11Page - Richtek Technology Corporation RT9270 Datasheet HTML 12Page - Richtek Technology Corporation RT9270 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT9270
Preliminary
11
DS9270-09 March 2007
www.richtek.com
Output Voltage
The regulated output voltage is calculated by :
For most applications, R2 is a suggested a value up to
100k
Ω. Place the resistor-divider as close to the IC as
possible to reduce the noise sensitivity.
Loop Compensation
The RT9270 voltage feedback loop can be compensated
with an external compensation network consisted of R3,
C3 and C4 (As shown in Figure 1). Choose R3 to set the
high-frequency integrator gain for fast transient response
without over or under compensation. Once R3 is
determined, C3 is selected to set the integrator zero to
maintain loop stability. The purpose of C4 is to cancel the
zero caused by output capacitor and the capacitor ESR.
If the ceramic capacitor is selected to be the output
capacitor, C4 can be taken off because of the small ESR.
C2 is the output capacitor as shown in Figure 1. The
following equations give approximate calculations of each
component :
The best criterion to optimize the loop compensation is
by inspecting the transient response and adjusting the
compensation network.
Soft-Start Capacitor
The soft-start function begins from VSS=0V to VSS=1.24V
with a 4uA constant current charging to the soft-start
capacitor, so the capacitor should be large enough to let
the output voltage reach regulation inside the soft-start
cycle. Typical value of soft-start capacitor range is from
10nF to 200nF. After the cycle finished, the load can start
to draw maximum current as required.
Layout Guideline
For high frequency switching power supplies, the PCB
layout is important step in system application design. In
order to let IC achieve good regulation, high efficiency
and stability, it is strongly recommended the power
components should be placed as close as possible. These
traces should be wide and short. The feedback pin and
the networks of feedback and compensation should be
kept away from the power loops, and be shielded with a
ground trace or plane to prevent noise coupling.
≅×
×
OUT
RIPPLE
RIPPLE(ESR)
RIPPLE(C)
PEAK
OUT
IN
PEAK
C
OUT
OUT
OSC
V= V
+ V
IV
- V
I
ESR
+
(
)
CV
f
×
OUT
R1
V
= 1.24V (1+
)
R2
×
×
××
××
×× ×
-12
-6
O
IN
ESR
2
C3 =
10
C2 RL
VL1 C2
R3 =
2C3 V
C4 = C2 R
1 10
(F)
(F)
(
Ω)


Similar Part No. - RT9270

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
RT9271GB RICHTEK-RT9271GB Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
RT9271GE RICHTEK-RT9271GE Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
RT9271PB RICHTEK-RT9271PB Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
RT9271PE RICHTEK-RT9271PE Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
More results

Similar Description - RT9270

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9277A RICHTEK-RT9277A Datasheet
218Kb / 12P
   High Performance, Low Noise Boost Converter
logo
Analog Devices
LT3154 AD-LT3154 Datasheet
3Mb / 32P
   6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
logo
Fitipower Integrated Te...
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
   Low-Noise Boost DC-DC Converter
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
   Low-Noise Boost DC-DC Converter
logo
ACE Technology Co., LTD...
ACE701C ACE-ACE701C Datasheet
465Kb / 10P
   High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
logo
ams AG
AS1301 AMSCO-AS1301_1 Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
AS1301 AMSCO-AS1301 Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
   1.2MHz,30V/1A High Performance, Boost Converter
logo
Lowpower Semiconductor ...
LP6230C POWER-LP6230C Datasheet
982Kb / 7P
   1.0MHz,24V/2.0A High Performance, Boost Converter
LP3318 POWER-LP3318 Datasheet
353Kb / 6P
   1MHz,36V/1.5A High Performance, Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com