Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9183H-18PM Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9183H-18PM
Description  Ultra Low Dropout 1.5A Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9183H-18PM Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9183H-18PM Datasheet HTML 1Page - Richtek Technology Corporation RT9183H-18PM Datasheet HTML 2Page - Richtek Technology Corporation RT9183H-18PM Datasheet HTML 3Page - Richtek Technology Corporation RT9183H-18PM Datasheet HTML 4Page - Richtek Technology Corporation RT9183H-18PM Datasheet HTML 5Page - Richtek Technology Corporation RT9183H-18PM Datasheet HTML 6Page - Richtek Technology Corporation RT9183H-18PM Datasheet HTML 7Page - Richtek Technology Corporation RT9183H-18PM Datasheet HTML 8Page - Richtek Technology Corporation RT9183H-18PM Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RT9183
5
DS9183-12
March 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Load Regulation
(Note 5)
(Fixed Output Voltage)
ΔVLOAD
1mA < IOUT < 1.5A
--
22
45
mV
Thermal Shutdown Temperature
TSD
--
170
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
30
--
°C
Logic-Low Voltage
VIL
VIN = 5.5V
--
--
0.6
EN Threshold
Logic-High Voltage
VIH
VIN = 5.5V
1.8
--
--
V
Enable Pin Current
IEN
VIN = 5.5V, Enable
--
0.1
1
μA
ADJ
Reference Voltage Tolerance
VREF
0.784
0.8
0.816
V
Adjust Pin Current
IADJ
VADJ = VREF
--
10
100
nA
Adjust Pin Threshold
VTH(ADJ)
0.05
0.1
0.2
V
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These
are for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated
in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4. The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL)
− 100mV.
Note 5. Regulation is measured at constant junction temperature by using a 20ms current pulse. Devices are tested for
load regulation in the load range from 10mA to 1.5A.
Note 6. Quiescent, or ground current, is the difference between input and output currents. It is defined by IQ = IIN - IOUT
under no load condition (IOUT = 0mA). The total current drawn from the supply is the sum of the load current plus
the ground pin current.
Note 7. Standby current is the input current drawn by a regulator when the output voltage is disabled by a shutdown
signal (VEN >1.8V ). It is measured with VIN = 5.5V.
Note 8.
θJA is measured in natural convection (still air) at TA = 25°C with the component mounted on a low effective
thermal conductivity test board of JEDEC 51-3 thermal measurement standard. And the cooper area of PCB
layout is 4mm x 2.5mm on SOT-223, 14mm x 14mm on TO-263 for thermal measurement.


Similar Part No. - RT9183H-18PM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9183H-18CG RICHTEK-RT9183H-18CG Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-18CM RICHTEK-RT9183H-18CM Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-18CM5 RICHTEK-RT9183H-18CM5 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-18CS RICHTEK-RT9183H-18CS Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
More results

Similar Description - RT9183H-18PM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com