Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9248GC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9248GC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9248GC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9248GC Datasheet HTML 6Page - Richtek Technology Corporation RT9248GC Datasheet HTML 7Page - Richtek Technology Corporation RT9248GC Datasheet HTML 8Page - Richtek Technology Corporation RT9248GC Datasheet HTML 9Page - Richtek Technology Corporation RT9248GC Datasheet HTML 10Page - Richtek Technology Corporation RT9248GC Datasheet HTML 11Page - Richtek Technology Corporation RT9248GC Datasheet HTML 12Page - Richtek Technology Corporation RT9248GC Datasheet HTML 13Page - Richtek Technology Corporation RT9248GC Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RT9248
Preliminary
11
DS9248-05
March 2007
www.richtek.com
Design Example
Given:
Apply for three phase converter
VIN = 12V
VCORE = 1.5V
ILOAD (max) = 60A
VDROOP = 120mV at full load
OCP trip point set at 30A for each channel (S/H)
RDS(ON) = 6m
Ω of low side MOSFET at 27°C
L = 2
μH
COUT = 9,000
μF with 2mΩ ESR.
A
36
.
18
2
I
A
20
L =
Δ
SP
DS(ON)
(MAX)
X
R
18.36A
R
I
×
=
1. Compensation Setting
a. Modulator Gain, Pole and Zero:
From the following formula:
Modulator Gain =
=
= 4.2 (12.46dB)
where V
RAMP
: ramp amplitude of sawtooth wave
LC Filter Pole =
= 1.2kHz and
ESR Zero =
= 8.8kHz
b. EA Compensation Network:
Select R1 = 2.4k
Ω, R2 = 24kΩ, C1 = 6.6nF,
C2 = 33pF and use the type 2 compensation
scheme shown in Figure 5.
RAMP
IN
V
V
LC
x
2
1
π
For each channel the load current is 60A / 3 = 20A
and the ripple current,
ΔIL, is given as:
The load current, I
L, at S/H is
.
Using the following formula to select the appropriate
I
X (MAX)
for the S/H of GM amplifier:
The suggested IX is in the order of 40 to 50
μA, select
RSP = RSN = 2.4k
Ω, then IX (MAX) will be 45.9μA.
VDROOP = 120mV = 45.9
μA × 2 × 3 (phase no.) ×
RADJ, therefore RADJ will be 435
Ω.
The RDS(ON) of MOSFET varies with temperature
rise. When the low side MOSFET working at 70
°C
and 5000ppm/
°C temperature coefficient of RDS(ON),
the RDS(ON) at 70
°C is given as:
6m
Ω × {1+ (70°C − 27°C) × 5000ppm/°C} = 7.3mΩ.
RADJ at 70
°C is given as:
RADJ_27°C × (RDS(ON)_27°C / RDS(ON)_70°C) = 358Ω
OCP trip point set at 30A for each channel,
, RIMAX = 11.2k
Ω
Take the temperature rise into account, the R
IMAX
at
70
°C will be:
R
IMAX_27
°C × (RDS(ON)_27°C / RDS(ON)_70°C) = 9.2kΩ
C
SS
= 0.1
μF is the suitable value for most application.
3.28A
12V
1.5V
1
x
2uH
1.5V
x
5us
=
⎛ −
Figure 5.
+
-
C1
FB
DACOUT
R3,C3 are used in type
3 compensation scheme
(left NC in type 2)
COMP
R2
C2
C3
R3
R1
> VDIF
Asymptotic Bode Plot of PWM Loop Gain
-60
-40
-20
0
20
40
60
80
100
10
100
1000
10000
100000
1000000 10000000
Frequency (Hz)
10
100
1K
10K
100K
1M
10M
Uncompensated EA Gain
Compensated EA Gain
Modulator Gain
PWM Loop Gain
Figure 6.
12V
3
1.9V
2
×
From the following formulas:
2. Droop & DAC Offset Setting
+
×
=
=
2
1
2
1
2
P
1
2
Z
x
R
x
2
1
F
,
x
R
x
2
1
F
C
C
C
C
π
C
π
1
2
R
R
Middle Band Gain =
By calculation, the FZ = 1kHz, FP = 200kHz and
Middle Band Gain is 10 (i.e 20dB).
The asymptotic bode plot of EA compensation and
PWM loop gain is shown as Figure 6.
3. Over-Current Protection Setting
4. Soft-Start Capacitor Selection
IMAX
SP
DS(ON)
X
R
0.6V
1.4
R
30A
R
I
×
=
×
=
OUT
1
2π x ESR x C


Similar Part No. - RT9248GC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9248A RICHTEK-RT9248A Datasheet
320Kb / 14P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9248AGC RICHTEK-RT9248AGC Datasheet
320Kb / 14P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9248APC RICHTEK-RT9248APC Datasheet
320Kb / 14P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results

Similar Description - RT9248GC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
logo
Infineon Technologies A...
TDA21302 INFINEON-TDA21302 Datasheet
588Kb / 25P
   Multi-Phase PWM Controller for CPU Core Power Supply
Version 1.2 , May 2004
logo
Richtek Technology Corp...
RT9246 RICHTEK-RT9246 Datasheet
382Kb / 17P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com