Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9246APC Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9246APC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9246APC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9246APC Datasheet HTML 6Page - Richtek Technology Corporation RT9246APC Datasheet HTML 7Page - Richtek Technology Corporation RT9246APC Datasheet HTML 8Page - Richtek Technology Corporation RT9246APC Datasheet HTML 9Page - Richtek Technology Corporation RT9246APC Datasheet HTML 10Page - Richtek Technology Corporation RT9246APC Datasheet HTML 11Page - Richtek Technology Corporation RT9246APC Datasheet HTML 12Page - Richtek Technology Corporation RT9246APC Datasheet HTML 13Page - Richtek Technology Corporation RT9246APC Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
RT9246A
10
DS9246A-04 March 2007
www.richtek.com
Over Current Protection
RT9246A uses an external resistor RIMAX connected to
IMAX pin to generate a reference current IIMAX for over
current protection:
where VIMAX is 1.0V typical. OCP comparator compares
each sensed phase current IX with this reference current
as shown in Figure 3. Equivalently, the maximum phase
current is calculated as:
RT9246A uses hiccup mode to eliminate nuisance
detection of OCP or reduce output current when output is
shorted to ground as shown in Figure 4 and 5.
IMAX
IMAX
IMAX
V
I=
R
IMAX
COMM
LX(MAX)
IMAX
LX
3V
R
I=
2R
R
Figure 3. Over Current Comparator
+
-
1/3 I
X
1/2 I
IMAX
OCP Comparator
Figure 2
+
-
S/H CKT
+
T1
T2
T3
T4
Ix
R
COMM
L
X
R
LX
I
LX
V
CORE
T1
R
X
C
X
V
X
+-
The sensed current IX is used for current balance and droop
tuning as described as followed. Since all phases share
one common GM, GM offset and linearity variation effect
is eliminated in practical applications. As sub-milli-ohm-
grade inductors are widely used in modern mother boards,
slight mismatch of GM amplifiers offset and linearity results
in considerable current shift between phases. The time-
sharing DCR current sensing technical is extremely
important to guarantee phase current balance at mass
production.
Phase Current Balance
The sampled and held phase current IX are summed and
averaged to get the averaged current
. Each phase
current IX then is compared with the averaged current.
The difference between IX and
is injected to
corresponding PWM comparator. If phase current IX is
smaller than the averaged current , RT9246A increases
the duty cycle of corresponding phase to increase the
phase current accordingly, vice versa.
X
I
X
I


Similar Part No. - RT9246APC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9246 RICHTEK-RT9246 Datasheet
382Kb / 17P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246GC RICHTEK-RT9246GC Datasheet
382Kb / 17P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246PC RICHTEK-RT9246PC Datasheet
382Kb / 17P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results

Similar Description - RT9246APC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
logo
Infineon Technologies A...
TDA21302 INFINEON-TDA21302 Datasheet
588Kb / 25P
   Multi-Phase PWM Controller for CPU Core Power Supply
Version 1.2 , May 2004
logo
Richtek Technology Corp...
RT9246 RICHTEK-RT9246 Datasheet
382Kb / 17P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com