Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9245CGC Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9245CGC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245CGC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9245CGC Datasheet HTML 6Page - Richtek Technology Corporation RT9245CGC Datasheet HTML 7Page - Richtek Technology Corporation RT9245CGC Datasheet HTML 8Page - Richtek Technology Corporation RT9245CGC Datasheet HTML 9Page - Richtek Technology Corporation RT9245CGC Datasheet HTML 10Page - Richtek Technology Corporation RT9245CGC Datasheet HTML 11Page - Richtek Technology Corporation RT9245CGC Datasheet HTML 12Page - Richtek Technology Corporation RT9245CGC Datasheet HTML 13Page - Richtek Technology Corporation RT9245CGC Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
RT9245C
10
DS9245C-02 March 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VILDAC
VRD 10.x
--
--
0.4
V
DAC (VID0-VID125) Input Low
K8
--
--
0.8
V
VIHDAC
VRD 10.x
0.8
--
--
V
DAC (VID0-VID125) Input High
K8
1.2
--
--
V
DAC (VID0-VID125) pull up resistor
2.5
3.5
4.5
k
Ω
VRD 10.x
--
1.2
--
V
DAC Pull Up Voltage
K8
--
2.1
--
V
VOSS Pin Voltage
VVOSS
RVOSS = 100kΩ
0.9
1.0
1.1
V
Error Amplifier
DC Gain
--
60
--
dB
Gain-Bandwidth Product
GBW
--
10
--
MHz
Slew Rate
SR
COMP = 10pF
--
6
--
V/
μs
Current Sense GM Amplifier
CSN Full Scale Source Current
IISPFSS
100
--
--
μA
CSN Current for OCP
150
--
--
μA
Protection
Over-Voltage Trip (VFB − VDAC)
ΔOVT
RADJ = 0Ω
320
400
450
mV
IMAX Voltage
VIMAX
RIMAX = 20kΩ
0.9
1.0
1.1
V
Power Good
Output Low Voltage
VPGOODL IPGOOD = 4mA
--
--
0.2
V
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are
for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may remain possibility to affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precaution recommended.
Note 3.
The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.


Similar Part No. - RT9245CGC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245A RICHTEK-RT9245A Datasheet
543Kb / 25P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245AGC RICHTEK-RT9245AGC Datasheet
543Kb / 25P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245APC RICHTEK-RT9245APC Datasheet
543Kb / 25P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245B RICHTEK-RT9245B Datasheet
584Kb / 23P
   Multi-Phase PWM Controller for K8 CPU Core Power Supply
More results

Similar Description - RT9245CGC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
logo
Infineon Technologies A...
TDA21302 INFINEON-TDA21302 Datasheet
588Kb / 25P
   Multi-Phase PWM Controller for CPU Core Power Supply
Version 1.2 , May 2004
logo
Richtek Technology Corp...
RT9246 RICHTEK-RT9246 Datasheet
382Kb / 17P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com