Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9176-15GM Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9176-15GM
Description  1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9176-15GM Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9176-15GM Datasheet HTML 5Page - Richtek Technology Corporation RT9176-15GM Datasheet HTML 6Page - Richtek Technology Corporation RT9176-15GM Datasheet HTML 7Page - Richtek Technology Corporation RT9176-15GM Datasheet HTML 8Page - Richtek Technology Corporation RT9176-15GM Datasheet HTML 9Page - Richtek Technology Corporation RT9176-15GM Datasheet HTML 10Page - Richtek Technology Corporation RT9176-15GM Datasheet HTML 11Page - Richtek Technology Corporation RT9176-15GM Datasheet HTML 12Page - Richtek Technology Corporation RT9176-15GM Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
RT9176
12
DS9176-11 March 2007
www.richtek.com
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
2.184
2.388
0.086
0.094
B
0.889
2.032
0.035
0.080
b
0.508
0.889
0.020
0.035
b1
1.016 Ref.
0.040 Ref.
b2
0.457
0.584
0.018
0.023
C
0.457
0.584
0.018
0.023
D
6.350
6.731
0.250
0.265
D1
5.207
5.461
0.205
0.215
E
5.334
6.223
0.210
0.245
e
2.108
2.438
0.083
0.096
L1
9.398
10.414
0.370
0.410
L2
0.508 Ref.
0.020 Ref.
L3
0.635
1.016
0.025
0.040
U
3.810 Ref.
0.150 Ref.
V
3.048 Ref.
0.120 Ref.
R
0.200
0.850
0.008
0.033
S
2.500
3.400
0.098
0.134
T
0.500
0.850
0.020
0.033
3-Lead TO-252 Surface Mount Package
A
C
b2
b
b1
D
B
E
L3
e
L1
L2
V
U
D1
S
T
R


Similar Part No. - RT9176-15GM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GB RICHTEK-RT9170-12GB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GV RICHTEK-RT9170-12GV Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GX RICHTEK-RT9170-12GX Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12PB RICHTEK-RT9170-12PB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9176-15GM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1086 STMICROELECTRONICS-LD1086 Datasheet
196Kb / 21P
   1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com