Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9203 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9203
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9203 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9203 Datasheet HTML 2Page - Richtek Technology Corporation RT9203 Datasheet HTML 3Page - Richtek Technology Corporation RT9203 Datasheet HTML 4Page - Richtek Technology Corporation RT9203 Datasheet HTML 5Page - Richtek Technology Corporation RT9203 Datasheet HTML 6Page - Richtek Technology Corporation RT9203 Datasheet HTML 7Page - Richtek Technology Corporation RT9203 Datasheet HTML 8Page - Richtek Technology Corporation RT9203 Datasheet HTML 9Page - Richtek Technology Corporation RT9203 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RT9203/A
Preliminary
6
DS9203/A-10 March 2007
www.richtek.com
Absolute Maximum Ratings
Electrical Characteristics
l
Supply Voltage VCC ------------------------------------------------------------------------------------------------ 7V
l
BOOT & UGATE to GND ------------------------------------------------------------------------------------------- 19V
l
Input, Output or I/O Voltage --------------------------------------------------------------------------------------- GND-0.3V to 7V
l
Power Dissipation, PD @ TA = 25°C
SOP-8 ------------------------------------------------------------------------------------------------------------------ 0.625W
l
Package Thermal Resistance
SOP-8,
θJA ------------------------------------------------------------------------------------------------------------- 160°C/W
l
Ambient Temperature Range --------------------------------------------------------------------------------------0
°C to +70°C
l
Junction Temperature Range --------------------------------------------------------------------------------------
40°C to +125°C
l
Storage Temperature Range ---------------------------------------------------------------------------------------
65°C to +150°C
l
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------- 260
°C
(VCC = 5V, TA = 25° C, Unless otherwise specified.)
CAUTION:
Stresses beyond the ratings specified in Absolute Maximum Ratingsmay cause permanent damage to the device.
This is a stress only rating and operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply Current
ICC
UGATE, LGATE open
--
3
--
mA
VCC Regulated Voltage
VCC
VBOOT = 12V
5.0
6.0
7.0
V
Power-On Reset
Rising VCC Threshold
3.8
4.1
4.4
V
VCC Threshold Hysteresis
--
0.5
--
V
Reference
Reference Voltage
VFB
Both PWM and linear regulator
0.784
0.8
0.816
V
Oscillator
Free Running Frequency
250
300
350
kHz
Ramp Amplitude
∆ VOSC
--
1.75
--
VP-P
PWM Error Amplifier
DC gain
32
35
38
dB
PWM Controller Gate Driver
Upper Drive Source
RUGATE
BOOT = 12V
BOOT-VUGATE = 1V
--
7.5
11
Upper Drive Sink
RUGATE
VUGATE = 1V
--
5
8
Lower Drive Source
RLGATE
VCC - VLGATE = 1V
--
3.5
6
Lower Drive Sink
RLGATE
VLGATE = 1V
--
2
5
Linear Regulator
DRV Driver Source
VDRV = 2V
100
--
--
mA
To be continued


Similar Part No. - RT9203

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
RT9201GQV RICHTEK-RT9201GQV Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
RT9201PQV RICHTEK-RT9201PQV Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
   SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
RT9202 RICHTEK-RT9202 Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
More results

Similar Description - RT9203

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9205 RICHTEK-RT9205 Datasheet
305Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205 RICHTEK-RT9205_07 Datasheet
215Kb / 15P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9204 RICHTEK-RT9204_07 Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com