Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9164A-18PM Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9164A-18PM
Description  1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9164A-18PM Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9164A-18PM Datasheet HTML 1Page - Richtek Technology Corporation RT9164A-18PM Datasheet HTML 2Page - Richtek Technology Corporation RT9164A-18PM Datasheet HTML 3Page - Richtek Technology Corporation RT9164A-18PM Datasheet HTML 4Page - Richtek Technology Corporation RT9164A-18PM Datasheet HTML 5Page - Richtek Technology Corporation RT9164A-18PM Datasheet HTML 6Page - Richtek Technology Corporation RT9164A-18PM Datasheet HTML 7Page - Richtek Technology Corporation RT9164A-18PM Datasheet HTML 8Page - Richtek Technology Corporation RT9164A-18PM Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9164A
4
DS9164A-13 August 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage -------------------------------------------------------------------------------------------------- 15V
Power Dissipation, PD @ TA = 25
°C
SOT-223 ----------------------------------------------------------------------------------------------------------------- 0.740W
TO-252 -------------------------------------------------------------------------------------------------------------------
1.471W
TO-263 ------------------------------------------------------------------------------------------------------------------- 2.222W
Package Thermal Resistance (Note 6)
SOT-223,
θJA------------------------------------------------------------------------------------------------------------ 135°C/W
SOT-223,
θJC ----------------------------------------------------------------------------------------------------------- 19°C/W
TO-252,
θJA ------------------------------------------------------------------------------------------------------------- 68°C/W
TO-252,
θJC ------------------------------------------------------------------------------------------------------------- 7.5°C/W
TO-263,
θJA ------------------------------------------------------------------------------------------------------------- 45°C/W
TO-263,
θJC ------------------------------------------------------------------------------------------------------------- 7.8°C/W
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 8 kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 750V
Electrical Characteristics
(TA = 25
°C, unless otherwise specified)
Recommended Operating Conditions
(Note 3)
Supply Input Voltage -------------------------------------------------------------------------------------------------- 3V to 14V
Junction Temperature Range ----------------------------------------------------------------------------------------
40°C to 125°C
To be continued
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
IOUT = 10mA, (VIN−VOUT) = 2V,
TA = 25°C
1.243 1.256 1.281
V
Reference Voltage
(Note 4)
RT9164A
VREF
10mA
< IOUT < 1.0A,
1.5V
< VIN-VOUT < 10V
1.231 1.256 1.294
V
IOUT = 10mA, VIN = 3.3V, TJ = 25°C
1.485
1.5
1.53
RT9164A -15
10mA
< IOUT < 1.0A, 3.3V < VIN < 10V 1.470
1.5
1.55
IOUT = 10mA, VIN = 3.3V, TJ = 25°C
1.797 1.815
1.85
RT9164A -18
10mA
< IOUT < 1.0A, 3.3V < VIN < 10V 1.779 1.815 1.87
IOUT = 10mA, VIN = 4.0V, TJ = 25°C
2.475 2.500 2.550
RT9164A -25
10mA
< IOUT < 1.0A, 4.0V < VIN < 10V 2.450 2.500 2.575
IOUT= 10mA, VIN= 4.25V, TJ = 25°C
2.822 2.850 2.910
RT9164A -28
10mA
< IOUT < 1.0A, 4.25V < VIN < 10V 2.793 2.850 2.936
IOUT= 10mA, VIN= 4.5V, TJ = 25°C
2.970 3.000 3.060
Output Voltage
(Note 4)
RT9164A -30
VOUT
10mA
< IOUT < 1.0A, 4.5V < VIN < 10V 2.940 3.000 3.090
V


Similar Part No. - RT9164A-18PM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164AGG RICHTEK-RT9164AGG Datasheet
245Kb / 14P
   Low Dropout Performance, 1.4V Max, Full Current Rating Over Line and Temperature
More results

Similar Description - RT9164A-18PM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com