Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9163-35GGF Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9163-35GGF
Description  500mA Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9163-35GGF Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9163-35GGF Datasheet HTML 1Page - Richtek Technology Corporation RT9163-35GGF Datasheet HTML 2Page - Richtek Technology Corporation RT9163-35GGF Datasheet HTML 3Page - Richtek Technology Corporation RT9163-35GGF Datasheet HTML 4Page - Richtek Technology Corporation RT9163-35GGF Datasheet HTML 5Page - Richtek Technology Corporation RT9163-35GGF Datasheet HTML 6Page - Richtek Technology Corporation RT9163-35GGF Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RT9163
1
DS9163-24
March 2007
www.richtek.com
Features
Low Dropout, Maximum 1.4V at 500mA
Fast Transient Response
±±±±± 2% Total Output Regulation
0.4% Line Regulation
0.4% Load Regulation
TO-92, SOT-89, SOT-223, and TO-252 Packages
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
5V to 3.3V Linear Regulator
Low Voltage Microcontroller, DSP,.... etc. Power Supply
Linear Regulator for LAN Card and CD-ROM
500mA Low Dropout Positive Voltage Regulator
Ordering Information
General Description
The RT9163 is a positive low dropout regulator designed
for applications requiring low dropout performance at full
rated current. The device is available in fixed output
voltage of 3.3V, 3.5V, and 5.0V. The RT9163 provides
excellent regulation over line, load, and temperature
variations.
The other features include low dropout performance at a
maximum of 1.4V at 500mA, fast transient response,
internal current limiting, and thermal shutdown protection
of the output devices. The RT9163 is a three-terminal
regulator available in surface mount SOT-89, SOT-223,
and TO-252 packages.
(TOP VIEW)
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
12
3
VOUT
GND
(TAB)
VIN
RT9163-
CL
TO-252
VOUT GND
(TAB)
VIN
123
RT9163-
CG
SOT-223
GND
VIN
(TAB)
VOUT
12
3
RT9163-
CXL
SOT-89
VOUT GND
(TAB)
VIN
12
3
RT9163-
CX
SOT-89
RT9163-
CZL
TO-92
1
2
3
VIN
GND
VOUT
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9163-
Package Type
ZL : TO-92 (L-Type)
X : SOT-89
XL : SOT-89 (L-Type)
L : TO-252
G : SOT-223 (Type-I)
GL : SOT-223 (Type-II)
GT : SOT-223 Type-III)
GF : SOT-223 (Type-IV)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
33 : 3.3V
35 : 3.5V
50 : 5.0V


Similar Part No. - RT9163-35GGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9163-35CG RICHTEK-RT9163-35CG Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
RT9163-35CGF RICHTEK-RT9163-35CGF Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
RT9163-35CGL RICHTEK-RT9163-35CGL Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
RT9163-35CGT RICHTEK-RT9163-35CGT Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
RT9163-35CL RICHTEK-RT9163-35CL Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - RT9163-35GGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163 Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com